Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3806 Datasheet (PDF) - Analog Devices

ADP3806 Datasheet PDF - Analog Devices
Part # ADP3806
Download  ADP3806 Download
File Size   274.21 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Frequency Switch Mode Li-Ion Battery Charger

ADP3806 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3806 Datasheet PDF - Analog Devices

Part # ADP3806
Download  ADP3806 Click to download

File Size   274.21 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Frequency Switch Mode Li-Ion Battery Charger

ADP3806 Datasheet (HTML) - Analog Devices


ADP3806 Product details

GENERAL DESCRIPTION
The ADP3806 is a complete Li-Ion battery-charging IC. The device combines high output voltage accuracy with constant current control to simplify the implementation of constant current, constant-voltage (CCCV) chargers.

FEATURES
    Li-Ion battery charger
    Three battery voltage options
      Selectable 12.525 V/16.700 V
      Selectable 12.600 V/16.800 V
      Adjustable
    High end-of-charge voltage accuracy
      ±0.4% @ 25°C
      ±0.6% @ 5°C to 55°C
      ±0.7% @ 0°C to 85°C
    Programmable charge current with rail-to-rail sensing
    System current sense with reverse input protection
    Soft start charge current
    Undervoltage lockout
    Bootstrapped synchronous drive for external NMOS
    Programmable oscillator frequency
    Oscillator SYNC pin
    Low current flag
    Trickle charge

APPLICATIONS
    Portable computers
    Fast chargers




Similar Part No. - ADP3806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3801AR AD-ADP3801AR Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3802AR AD-ADP3802AR Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
More results


Similar Description - ADP3806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
Switch Mode Li-Ion/Polymer Battery Charger
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com