Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet (PDF) - Analog Devices

ADP3801 Datasheet PDF - Analog Devices
Part # ADP3801
Download  ADP3801 Download
File Size   256.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Frequency Switch Mode Dual Li-Ion Battery Chargers

ADP3801 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3801 Datasheet PDF - Analog Devices

Part # ADP3801
Download  ADP3801 Click to download

File Size   256.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Frequency Switch Mode Dual Li-Ion Battery Chargers

ADP3801 Datasheet (HTML) - Analog Devices


ADP3801 Product details

GENERAL DESCRIPTION
The ADP3801 and ADP3802 are complete battery charging ICs. The devices combine a high accuracy final battery voltage control with a constant charge current control and an on-board Low Drop-Out Regulator (LDO). The accuracy of the final battery voltage control is guaranteed to ±0.75% to safely charge Li-Ion batteries. An internal multiplexer allows the alternate charging of two separate battery stacks. The final voltage is pin programmable to one of three Li-Ion options: 4.2 V (one Li-Ion cell), 8.4 V (two Li-Ion cells), or 12.6 V (three Li-Ion cells).

FEATURES
    Stand-Alone Li-Ion Battery Chargers
    High End-of-Charge Voltage Accuracy ±0.4% @ +25°C ±0.75% @ –10°C to +70°C
    Intelligent End-of-Charge Output Signal
    Pin Programmable Cell Number Select
    On Chip 3.3 V LDO Regulator
    Programmable Charge Current with High Side Sense
    Softstart Charge Current
    Undervoltage Lockout
    Drives External PMOS
    ±10% Adjustable End-of-Charge Voltage
    Charges NiCad, NiMH (with External mController)
    PWM Oscillator Frequency: ADP3801: 200 kHz ADP3802: 500 kHz

APPLICATIONS
    Fast Chargers
    Universal Chargers
    Cellular Phones
    Portable Computers
    Portable Instrumentation
    Desktop Chargers
    Personal Digital Assistants




Similar Part No. - ADP3801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
More results


Similar Description - ADP3801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
ADP3806 AD-ADP3806 Datasheet
274Kb / 16P
High-Frequency Switch Mode Li-Ion Battery Charger
2/04-Data Sheet changed from REV. A to REV. B.
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Linear Technology
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
AC Chargers for Li-ion Battery Pack
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com