Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 4Page - Analog Devices ADP3801 Datasheet HTML 5Page - Analog Devices ADP3801 Datasheet HTML 6Page - Analog Devices ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices ADP3801 Datasheet HTML 10Page - Analog Devices ADP3801 Datasheet HTML 11Page - Analog Devices ADP3801 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP3801/ADP3802
–8–
REV. 0
BIAS
LDO
RESET
GATE
DRIVE
FF
VIN
CS+
OSCILLATOR
D1
L
RCS
VREF
3.3V
UVLO
S
R
BATA
ISET
A/B
CS–
(FROM
C)
Rf2
Rf1
COMP
1 F
VREF
POWER-
ON
RESET
(FROM
C)
(TO
C)
(TO
C)
FINAL
VBAT
PROG
GND
MUX
PROG
(FROM
C)
2.475V
ADJ
VCC
VREF
3R
DRV
VL
D2
RB
SD
BATA
1 F
CIN
COUT
EOC
Q
VT
ADP3801/ADP3802
100k
BATB
GM1
GM2
GM3
R
100k
VREF
Figure 20. Simplified Application Diagram
Setting the Final Battery Voltage
The final battery voltage is determined by the voltage on the
Battery Programming (PROG) pin. This pin controls the state
of the PROG multiplexer, which selects the appropriate tap
from the internal battery voltage resistor divider. The specifica-
tion table details the PROG voltages for each final battery volt-
age. A resistor divider from the LDO can be used to set the
PROG voltage as shown in Figure 21. To provide fail safe op-
eration, a PROG voltage equal to 0.0 V or 3.3 V results in the
minimum final battery voltage of 4.2 V. The PROG input is
high impedance, so the voltage can be set with a high imped-
ance resistor divider from VL. Alternatively, a PWM output
from a microcontroller can be used with an RC filter to generate
the desired threshold voltage.
VL
R1
4.2
VT1 = 0.0V
0*
8.4
VT2 = 1.1V
200k
100k
12.6
VT3 = 2.2V
100k
200k
VBAT
SETTING
R1 (5%)
R2 (5%)
R2
PROG
* CONNECT PROG TO
GND FOR VBAT = 4.2V
Figure 21. Resistor Divider Sets the Final Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com