Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 3 Page - Analog Devices

  ADP3801 Datasheet HTML 1Page - Analog Devices ADP3801 Datasheet HTML 2Page - Analog Devices ADP3801 Datasheet HTML 3Page - Analog Devices ADP3801 Datasheet HTML 4Page - Analog Devices ADP3801 Datasheet HTML 5Page - Analog Devices ADP3801 Datasheet HTML 6Page - Analog Devices ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
–3–
REV. 0
ADP3801/ADP3802
Parameter
Conditions
Symbol
Min
Typ
Max
Units
EOC OUTPUT5
Trip Point
100 k
Ω to VL
VCS
3
10
mV
Hysteresis
100 k
Ω to VL
VCS
3
0.2
mV
SHUTDOWN (SD)
ON
SD
H
2.0
V
OFF
SD
L
0.8
V
SD Input Current
0.2
1
µA
LOW DROPOUT REGULATOR
Output Voltage
6
0 mA
≤ I
LOAD ≤ 10 mA,
4.1 V
≤ VCC ≤ 20 V, –10°C ≤ T
A ≤ +70°C
VL
3.267
3.3
3.333
V
0 mA
≤ I
LOAD
≤ 10 mA,
4.1 V
≤ VCC ≤ 20 V, –40°C ≤ T
A ≤ +85°C
VL
3.250
3.350
V
Dropout Voltage (VCC – VL)
ILOAD = 10 mA
VDO
0.4
0.8
V
Output Current Drive
IVL
10
20
mA
RESET OUTPUT
VL Rising Threshold
RESET High
2.5
2.7
2.9
V
VL Falling Threshold
RESET Low
2.4
2.55
2.8
V
Output High Logic Level
1 M
Ω to Ground External
2.4
2.9
V
POWER SUPPLY
ON Supply Current
No External Loads
ISYON
5.0
7.0
mA
OFF Supply Current
No External Loads
ISYOFF
115
180
µA
UVLO
6, 7
VCC Rising Threshold
Turn On
3.8
3.9
4.0
V
VCC Falling Threshold
Turn Off, IVL = 1 mA
3.4
V
NOTES
1 VCC = V
BAT + 2 V.
2 See Figure 5.
3 V
CS = (VCS+) – (VCS–).
4 Accuracy guaranteed by ISET INPUT, Programming Function Accuracy specification.
5
EOC Output Comparator monitors charge current, and it is enabled when V
BAT ≥ 95% of the final battery voltage.
6 LDO is active during SD and UVLO.
7 Turn-off threshold depends on LDO dropout.
All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com