Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices ADP3801 Datasheet HTML 16Page - Analog Devices ADP3801 Datasheet HTML 17Page - Analog Devices ADP3801 Datasheet HTML 18Page - Analog Devices ADP3801 Datasheet HTML 19Page - Analog Devices ADP3801 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP3801/ADP3802
–18–
REV. 0
VCC Greater Than 20 V Operation
Some ac/dc adapters have a poorly regulated output voltage
that can rise above the 20 V maximum operating voltage of the
ADP3801/ADP3802. The circuit in Figure 34 uses a Zener
diode and an NPN transistor to extend the ADP3801/ADP3802’s
maximum input voltage. The Zener should be at least 3 V higher
than the final battery voltage to meet the minimum headroom
requirements. 3 V is used to account for the VBE drop of the
2N3904 transistor and additional losses in the circuit. If VIN
drops below the value of the Zener diode, VCC is no longer
regulated and it tracks VIN. If the 2 V of headroom on the cur-
rent sense pins is not maintained, then the circuits of Figures 32
and 33 can also be used in conjunction with the circuit of Figure
34.
VCC
DRV
EOC
CS–
CS+
ISET
BATA
BAT
ADJ
GND
RESET
VIN
VL
100k
ADP3801/ADP3802
SD
2N3904
0.1 F
0.1 F
BATB
10k
9V
3.3V
33 H
40m
9V
A/B
COMP
140 F
PROG
Figure 34. VCC Greater Than 20 V Operation
The gate drive of the PFET is capacitively coupled to the DRV
pin with a 0.1
µF capacitor. While the DRV pin is switching, the
voltage swing on the DRV pin is coupled to the gate, but the dc
voltage is blocked. This allows the gate of the PFET to be at a
voltage that is higher than the absolute maximum rating of the
DRV pin. The 9 V Zener diode limits the gate drive voltage and
the 100 k
Ω resistor provides a dc pull-up to turn the PFET off
when the DRV pin is not switching.
System Current Sense Reduces Charge Current
In many applications the power required for the system and the
battery charger exceeds the total power available from the ac/dc
adapter. A design where battery charger current is decreased as
the system current increases helps to keep a constant power
demand on the brick. Dynamically adjusting the charge current
keeps the total power output of the brick constant. The circuit
in Figure 35 uses an external low cost amplifier to sense the
system current and dynamically control the ADP3801/ADP3802’s
charge current.
The current setting voltage is produced by R3 and R4 according
to the following formula:
I
R
R
RR
VL
SET
CS
≈×
+


1
10
3
34
This equation is approximate because the impedance of R2 and
R1 does effect the resistor divider of R3 and R4, but the impact
is small. As the system current increases, the voltage across RSS
also increases. This voltage is subtracted from VISET with a gain
set by R1 and R2. As the graph in Figure 35 shows, the charge
current reduces as the system current increases, and eventually
the charge current becomes zero (IZERO). The system current at
which this occurs can be set by selecting R1 and R2 according
to the following formula:
I
R
R
R
R
ISET
ZERO
CS
SS
≈×
 ×
1
2
10
Because the AD8531 is a single supply amplifier with its nega-
tive rail at ground, its output does not go below 0.0 V, so any
further increase in system current does not change VISET. De-
signing a charger with a maximum charge current of 3A (RCS =
0.05
Ω) which reduces to zero when the system current reaches
7A (RSS = 0.025 Ω) results in the following resistor values: R1 =
100 k
Ω, R2 = 820 kΩ, R3 = 8.3 kΩ, R4 = 10 kΩ.
VCC
DRV
CS–
CS+
ISET
VBAT
BAT
VL
0.1 F
RSS
ADP3801/ADP3802
IBAT
AC/DC
BRICK
R3
8.3k
SYSTEM
VCC
R4
10k
R1
100k
ISYSTEM
R2
820k
R2
820k
R1
100k
RCS
100k
IZERO
(ISET) = MAXIMUM CHARGE CURRENT
IBAT
0
0
ISYSTEM
OP193
Figure 35. System Current Sense Reduces Charge Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com