Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices ADP3801 Datasheet HTML 16Page - Analog Devices ADP3801 Datasheet HTML 17Page - Analog Devices ADP3801 Datasheet HTML 18Page - Analog Devices ADP3801 Datasheet HTML 19Page - Analog Devices ADP3801 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADP3801/ADP3802
–19–
REV. 0
Board Layout Suggestions
When laying out the printed circuit board, the following check-
list should be used to ensure proper operation of the ADP3801
and ADP3802. These items are also illustrated graphically in
the layout diagram on the evaluation board application note.
Check the following in your layout:
1) The IC ground must return to a) the power and b) the signal
grounds with as short of leads as possible. If a double layer
PCB board is used and a ground plane is available, connect
all grounded parts directly to the ground plane. The ground
returns to the anode of the Schottky diode and the minus
terminal of CIN should have as short of lead lengths as possible.
2) Connect the IC’s current sense pins (CS+ and CS–) to RCS
with as short of leads (<0.5 inch) as possible.
3) Route the CS+ and CS– traces together with minimum spac-
ing. The filter capacitors should be close to the IC.
4) Connect the positive side of CIN as close as possible to the
source of the P-channel MOSFET (or the emitter of the
PNP). This capacitor provides the ac current to the pass
transistor.
5) Connect the input decoupling capacitor (0.l
µF) close to the
VCC input of the IC. This capacitor carries the DRV peak
currents.
6) Connect the 0.1
µF LDO decoupling capacitor as close as
possible to the VL pin.
7) The RESET pin has an internal pull-up, and should be pulled
low with an external resistor. The RESET pin is high imped-
ance and should not be allowed to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com