Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 1 Page - Analog Devices

  ADP3801 Datasheet HTML 1Page - Analog Devices ADP3801 Datasheet HTML 2Page - Analog Devices ADP3801 Datasheet HTML 3Page - Analog Devices ADP3801 Datasheet HTML 4Page - Analog Devices ADP3801 Datasheet HTML 5Page - Analog Devices ADP3801 Datasheet HTML 6Page - Analog Devices ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3801/ADP3802
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
High Frequency Switch Mode
Dual Li-Ion Battery Chargers
FUNCTIONAL BLOCK DIAGRAM
ADP3801/ADP3802
LDO +
REFERENCE
A/B
SELECT
MUX
DRV
VCC
CS+ CS–
A/B
PROG
ADJ
COMP
GND
SD
VL
RESET
ISET
BATB
BATA
EOC
SD\UVLO
GATE
DRIVE
CURRENT
LOOP
AMP + EOC
COMPARATOR
PWM
FINAL BATTERY
VOLTAGE
PROGRAM
(4.2, 8.4, 12.6)
VOLTAGE
LOOP
AMP
BATTERY
VOLTAGE
ADJUST
10%
SHUTDOWN
UVLO
+
RESET
FEATURES
Stand-Alone Li-Ion Battery Chargers
High End-of-Charge Voltage Accuracy
0.4% @ +25 C
0.75% @ –10 C to +70 C
Intelligent End-of-Charge Output Signal
Pin Programmable Cell Number Select
On Chip 3.3 V LDO Regulator
Programmable Charge Current with High Side Sense
Softstart Charge Current
Undervoltage Lockout
Drives External PMOS
10% Adjustable End-of-Charge Voltage
Charges NiCad, NiMH (with External
Controller)
PWM Oscillator Frequency:
ADP3801: 200 kHz
ADP3802: 500 kHz
APPLICATIONS
Fast Chargers
Universal Chargers
Cellular Phones
Portable Computers
Portable Instrumentation
Desktop Chargers
Personal Digital Assistants
GENERAL DESCRIPTION
The ADP3801 and ADP3802 are complete battery charging
ICs. The devices combine a high accuracy final battery voltage
control with a constant charge current control and an on-board
Low Drop-Out Regulator (LDO). The accuracy of the final
battery voltage control is guaranteed to
±0.75% to safely charge
Li-Ion batteries. An internal multiplexer allows the alternate
charging of two separate battery stacks. The final voltage is pin
programmable to one of three Li-Ion options: 4.2 V (one Li-Ion
cell), 8.4 V (two Li-Ion cells), or 12.6 V (three Li-Ion cells).
Paired with an external microcontroller for charge termination,
the ADP3801/ADP3802 works as a fast charger for NiCad/
NiMH batteries or as a universal charger for all three battery
chemistries. In addition, a pin is provided for changing the final
battery voltage by up to
±10% to adjust for variations in battery
chemistry from different Li-Ion manufacturers without loss of
accuracy in the final battery voltage.
BATA
BATB
VCC DRV
EOC
CS–
CS+
ISET
BATA
ADJ
GND
RESET
VIN
VL
ADP3801/ADP3802
SD
BATB
3.3V
40m
A/B
COMP
PROG
68 H
Figure 1. 4 Amp Dual Battery Charger


Similar Part No. - ADP3801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
More results

Similar Description - ADP3801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
ADP3806 AD-ADP3806 Datasheet
274Kb / 16P
High-Frequency Switch Mode Li-Ion Battery Charger
2/04-Data Sheet changed from REV. A to REV. B.
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Linear Technology
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
AC Chargers for Li-ion Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com