Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 4 Page - Analog Devices

  ADP3801 Datasheet HTML 1Page - Analog Devices ADP3801 Datasheet HTML 2Page - Analog Devices ADP3801 Datasheet HTML 3Page - Analog Devices ADP3801 Datasheet HTML 4Page - Analog Devices ADP3801 Datasheet HTML 5Page - Analog Devices ADP3801 Datasheet HTML 6Page - Analog Devices ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP3801/ADP3802
–4–
REV. 0
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DRV
VL
SD
CS–
CS+
ISET
GND
A/B
BATA
BATB
PROG
ADJ
EOC
COMP
ADP3801
ADP3802
VCC
RESET
ABSOLUTE MAXIMUM RATINGS*
Input Voltage (VCC to GND) . . . . . . . . . . . . . . –0.3 V to 20 V
DRV, VCS+, VCS– to GND . . . . . . . . . . . . . . . . –0.3 V to VCC
BATA, BATB to GND . . . . . . . . . . . . . . . . . –0.3 V to 14.0 V
A/B, ISET, PROG, ADJ to GND . . . . . . . . . . .
–0.3 V to VL
SD, RESET, COMP, EOC to GND . . . . . . . . . . –0.3 V to VL
Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Ambient Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
NOTES
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation section of this specification
is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
θ
JA is specified for worst case conditions with device soldered on a circuit board.
ORDERING GUIDE
Model
Package Option
Oscillator Frequency
ADP3801AR
R-16A
200 kHz
ADP3802AR
R-16A
500 kHz
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3801/ADP3802 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precau-
tions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin
Number
Mnemonic
Function
1
DRV
External Transistor Drive
2
RESET
Power on RESET Output
3
VCC
Supply Voltage
4
VL
LDO Output
5
SD
Shutdown Control Input
6
CS–
Negative Current Sense Input
7
CS+
Positive Current Sense Input
8
ISET
Charge Current Program Input
9
COMP
External Compensation Node
10
EOC
End-of-Charge Output Signal
11
ADJ
Adjust Battery Voltage
± 10%
12
PROG
Program Final Battery Voltage Input
13
BATB
Battery “B” Voltage Sense
14
BATA
Battery “A” Voltage Sense
15
A/B
1
“A” or “B” Battery Select Input
16
GND
Ground
NOTE
1“L” = Battery “A.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com