Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices ADP3801 Datasheet HTML 10Page - Analog Devices ADP3801 Datasheet HTML 11Page - Analog Devices ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP3801/ADP3802
–11–
REV. 0
ADP3800
COMP
EOC
(a) EOC Output Terminates Charge
270
2N3906
ADP3800
EOC
VL
100k
0.1 F
(b) EOC Turns on LED to Signal Charge Completion
2N3904
2
ADP3800
EOC
VL
COMP
100k
100k
2N3906
0.1 F
10k
20k
20k
270
(c) EOC Terminates Charge and Turns on LED
100k
ADP3800
EOC
*LEVEL SHIFTED TO
TO DRIVE PMOS
VL
100k
100k
2N3906
1 F
COMP
RESET
J
K
Q
Q
74H73A
BATSELB*
A/B + BATSELA*
100k
0.1 F
20k
2N3904
2
10k
(d) Flip-Flop Switches Between Batteries on EOC Signal
Figure 23. EOC Output Circuits
COMP Node
Both the current loop and the voltage loop share a common,
high impedance compensation node, labeled COMP. A series
capacitor and resistor on this node help to compensate both
loops. The resistor is included to provide a zero in the loop
response and boost phase margin.
The voltage at the COMP node determines the duty cycle of the
PWM. The threshold levels are typically 1.0 V for 0% duty cycle
and 2.0 V for 100% duty cycle, resulting in a total range of
1.0 V. When the ADP3801/ADP3802 first turns on, the COMP
capacitor is at 0.0 V. It has to charge up to at least 1.0 V before
the duty cycle rises above 0% and the pass transistor turns on.
This “soft-start” behavior is desirable to avoid undue stress on
the external components. In addition, whenever the part is
placed in Shutdown or in UVLO, the COMP capacitor is dis-
charged to ensure soft start upon recovery.
The current available to charge and discharge the COMP ca-
pacitor during normal operation is 100
µA. Thus, the slew rate
at this node is equal to 100
µA divided by the capacitor. For a
typical capacitance of 1
µF, the slew rate is 0.1 V/ms. Thus, it
takes about 10 ms before the ADP3801/ADP3802 starts to
operate from a soft-start state. This is regardless of the internal
oscillator frequency. One important note is that the COMP
node is a high impedance point. Any external resistance or leak-
age current on this node will cause an error in both the charge
current control and the final battery voltage.
Gate Drive
The ADP3801/ADP3802 gate drive is designed to provide high
transient currents to drive the pass transistor. The rise and fall
times are typically 20 ns and 200 ns respectively when driving
a 1 nF load, which is typical for a PMOSFET with RDS(ON) =
60 m
Ω. Figure 15 shows the typical transient response of the
output stage driving this load from a 10 V supply.
A voltage clamp is added to limit the pull-down voltage to 7 V
below VCC. For example, if VCC is 10 V then the output will
pull down to 3 V minimum, limiting the VGS voltage applied to
the external FET.
Low Dropout Regulator and Reference
A 3.3 V LDO is used to generate a regulated supply for internal
circuitry. Additionally, the LDO can deliver up to 10 mA of
current to power external circuitry such as a microcontroller. A
1.0
µF capacitor must be placed close to the VL pin to ensure
stability of the regulator. Due to the design of the regulator,
stability is not contingent on the ESR for the output capacitor.
Many different types of capacitors can be used providing flex-
ibility and ease of design. The LDO also includes a high accu-
racy, low drift internal reference equal to half of VL to set levels
within the part. During shutdown and UVLO, both the refer-
ence and the LDO remain active.
Shutdown
The IC may be placed in shutdown at any time to stop charging
of the batteries and to conserve power. For example, to safely
switch from one battery to the next, the part should be shut
down to momentarily interrupt charging. Also, if the batteries
have completed charging or no batteries are present, then the
part may be placed in shutdown to save power. A logic low on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com