Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 10Page - Analog Devices ADP3801 Datasheet HTML 11Page - Analog Devices ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices ADP3801 Datasheet HTML 16Page - Analog Devices ADP3801 Datasheet HTML 17Page - Analog Devices ADP3801 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP3801/ADP3802
–14–
REV. 0
Gate Drive
The ADP3801 and ADP3802 are designed to directly drive the
gate of a PFET with no additional circuitry as shown on the
circuit diagram. The DRV pin pulls the gate up to within
250 mV of VCC, which is more than enough to ensure that the
transistor turns off. To turn the PFET on, the DRV pin pulls
down to a clamped voltage that is at most 7 V below VCC. Check
the specified PFET’s maximum Gate-Source rating to see if this
voltage does not exceed its breakdown. The Si4463 is rated at
VGSMAX = 12 V, which is well above the maximum gate drive for
the ADP3801/ADP3802.
Schottky Rectifier Selection and Thermal Design
The Schottky diode’s peak current and average power dissipa-
tion must not exceed the diode ratings. The most stressful con-
dition for the output diode is under short circuit (VO = 0 V),
where the diode duty cycle DD is at least 95%. Under this con-
dition, the diode must safely handle IPK at close to 100% duty
cycle.
The diode power dissipation (PD) is calculated by multiplying
the forward voltage drop (VF) times the Schottky diode duty
cycle multiplied by the short circuit current. The worst-case
forward voltage drop of MBRD835 diode is 0.41 V at IPK =
4.5 A, thus:
PD = IPK × DD × VF = 4.5 × 0.95 × 0.41 = 1.8W
From the diode’s worst-case dissipation, the maximum junction
temperature TJMAX of the diode can be calculated:
TJMAX = TA + RθJA × PD = 25 + (40) × 1.8 = 97°C
RθJA is the junction to ambient thermal impedance of the diode.
The calculated TJMAX should be below the maximum allowed
junction temperature of the diode with adequate margin. TJMAX
of the MBRD835 is 125
°C, which is met with adequate margin.
Input Capacitor Selection
In continuous mode, the source current of the PMOS is a square
wave of duty cycle VOUT/VIN. To prevent large voltage tran-
sients, a low ESR input capacitor sized for the maximum rms
current must be used. The maximum rms capacitor current is
given by:
I
I
V
VV
V
RMS
OUT
IN
OUT
IN
OUT
≈×
−
()
This formula has a maximum at
VIN = 2 VOUT, where IRMS =
IOUT/2 = 2.0 A.
This simple worst case condition is commonly used for design
because even significant deviations do not offer much relief.
Note that capacitor manufacturers’ ripple current ratings are
often based on only 2000 hours of life. This makes it advisable
to further derate the capacitor, or to choose a capacitor rated at
a higher temperature than required. Several capacitors may also
be paralleled to meet size or height requirements in the design.
As a first choice, three 68
µF/20 V Sprague type 593D tantalum
capacitors are used in parallel. Each is specified as follows:
ESR = 0.2
Ω, maximum ripple current of 0.91A
RMS. In addition
to CIN, a 0.1 µF decoupling capacitor is required as close as
possible to the VCC pin.
Once the capacitor is chosen, the input ripple voltage should be
checked:
V
I
ESR
D
fC
A
kHz
F
mV
I NRIPPLE
O
ON
OSC
IN
PP
=×
+
×
=×
+
×
=
/
..
/
100
40
007
84 100
200
210
360
Ω
µ
This is low enough for most applications. For cost reduction,
one of the 68
µF capacitors could be removed, or a cheaper
electrolytic could be used instead.
Output Capacitor Selection
As a first choice, we’ll use two of the same type of 68
µF
Sprague capacitors for the output. The inductor rms ripple current
was calculated as 0.3 A, which is far below the specification for
these capacitors. The other consideration is the allowable output
ripple voltage. Assuming high battery internal resistance, all of
the worst case inductor ripple current may flow through the
output capacitor. This results in a ripple voltage of:
V
I
ESR
D
fC
A
kHz
F
mV
OUTRIPPLE
LPP
ON
OSC
OUT
PP
=×
+
×
=×
+
×
=
/
..
/
100
10
01
84 100
200
140
130
Ω
µ
This ripple is low enough for most applications. Again, one of
the capacitors could be removed or lower cost electrolytic ca-
pacitors could be used to reduce cost.
Charger Performance Summary
The circuit properly executes the charging algorithm, exhibiting
stable operation regardless of battery conditions, including an
open circuit load in which the battery is removed.
Li-Ion charging characteristics are given in Figure 25. The
charge current is maintained at its programmed level until the
battery reaches its final voltage. Then the current begins to
decrease. The shape of the current decrease is dependent on the
internal impedance of the battery. When the current drops below
240 mA, the EOC comparator signals the end-of-charge of the
battery.
TIME – Hours
0
0.5
1.0
1.5
2.0
3.0
3.0
3.5
4.0
2.5
0
1.3
2.7
4.0
2.5
4.5
VBAT
ICHARGE
EOC
Figure 25. Li-Ion Charging Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com