Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3801 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 2 Page - Analog Devices

  ADP3801 Datasheet HTML 1Page - Analog Devices ADP3801 Datasheet HTML 2Page - Analog Devices ADP3801 Datasheet HTML 3Page - Analog Devices ADP3801 Datasheet HTML 4Page - Analog Devices ADP3801 Datasheet HTML 5Page - Analog Devices ADP3801 Datasheet HTML 6Page - Analog Devices ADP3801 Datasheet HTML 7Page - Analog Devices ADP3801 Datasheet HTML 8Page - Analog Devices ADP3801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
ADP3801/ADP3802–SPECIFICATIONS
Parameter
Conditions
Symbol
Min
Typ
Max
Units
FINAL BATTERY VOLTAGE
One Li-Ion Cell
PROG = VT1, ADJ = VL, TA = +25°CVBAT
4.180
4.200
4.220
V
PROG = VT1, ADJ = VL, –10°C ≤ TA ≤ +70°CVBAT
4.168
4.232
V
PROG = VT1, ADJ = VL, –40°C ≤ TA ≤ +85°CVBAT
4.150
4.250
V
Two Li-Ion Cells
1
PROG = VT2, ADJ = VL, TA = +25°CVBAT
8.366
8.400
8.434
V
PROG = VT2, ADJ = VL, –10°C ≤ TA ≤ +70°CVBAT
8.337
8.463
V
PROG = VT2, ADJ = VL, –40°C ≤ TA ≤ +85°CVBAT
8.300
8.500
V
Three Li-Ion Cells
1
PROG = VT3, ADJ = VL, TA = +25°CVBAT
12.550
12.600
12.650
V
PROG = VT3, ADJ = VL, –10°C ≤ TA ≤ +70°CVBAT
12.505
12.695
V
PROG = VT3, ADJ = VL, –40°C ≤ TA ≤ +85°CVBAT
12.450
12.750
V
BATTERY PROGRAMMING
INPUT (PROG)
One Li-Ion Cell
(4.2 V)
VT1
0.00
0.20
V
Two Li-Ion Cells
(8.4 V)
VT2
1.00
1.20
V
Three Li-Ion Cells
(12.6 V)
VT3
2.05
2.30
V
Fail Safe Voltage
(4.2 V)
Defaults to 1 Li-Ion Cell
3.10
3.30
V
PROG Input Current
IB
1.5
5
µA
A/B SELECT MUX
Select Battery BATB
VIH
2.0
V
Select Battery BATA
VIL
0.8
V
A/B Input Current
IIN
0.02
1
µA
BATA or BATB Input Resistance
Channel Selected
RIN
185
265
k
Ω
BATA or BATB Input Current
Channel Not Selected
IBA, IBB
0.2
1
µA
BATA or BATB Shutdown Current Part in Shutdown
IBA, IBB
0.2
1
µA
BATTERY ADJUST INPUT
2 (ADJ)
% of Final Battery Voltage
ADJ = 1.0 V, –10
°C ≤ T
A ≤ +70°C
899091
%
% of Final Battery Voltage
ADJ = 2.3 V, –10
°C ≤ T
A ≤ +70°C
109
110
111
%
ADJ Disable Voltage Threshold
0% Change
2.475
2.6
V
ADJ Bias Current
1.0 V
≤ ADJ ≤ 2.3 V
IB
10
100
nA
OVERVOLTAGE COMPARATOR
Trip Point
Percent Above VBAT
8%
Response Time
DRV Goes High
tr
2
µs
OSCILLATOR
200 kHz Option
(ADP3801)
fOSC
150
200
250
kHz
500 kHz Option
(ADP3802)
fOSC
375
500
625
kHz
0% Duty Cycle Threshold
@ COMP Pin
1.0
V
100% Duty Cycle Threshold
@ COMP Pin
2.0
V
GATE DRIVE
Rise Time
CL = 1 nF, VCC – 4 V to 90%
tr
35
ns
Fall Time
CL = 1 nF, 90% to VCC – 4 V
tf
75
ns
Output High Saturation Voltage
VCC – VDRV
VOH
275
mV
Output Low Voltage
VCC = 8 V
VOL
1.0
2.0
V
VCC > 8 V
VOL
VCC – 7 VCC – 6
V
CURRENT SENSE AMPLIFIER
Input Common-mode Range
VCS+ and VCS–
VCSCM
0.0
VCC – 2
V
Input Differential Mode Range
VCS
3
VCSDM
0.0
185
mV
Input Offset Voltage
4
0.0 V
≤ V
CSCM ≤ VCC – 2 V
VCSVOS
1mV
Input Bias Current
0.0 V
≤ V
CSCM ≤ VCC – 2 V
VCSIB
0.3
1
µA
Input Offset Current
0.0 V
≤ V
CSCM ≤ VCC – 2 V
VCSIOS
0.01
0.15
µA
Over Current Trip Point
VCS
3
185
mV
Response Time
DRV Goes High
tr
2
µs
ISET INPUT
Charge Current Programming
Function
0.0 V
≤ V
ISET ≤ 1.65 V
VCS/VISET
3
0.1
V/V
Programming Function Accuracy
VISET = 1.65 V, –10
°C ≤ T
A
≤ +70°C–5
±1.0
+5
%
VISET = 0.10 V, –10°C ≤ TA ≤ +70°C
–25
±10
+25
%
ISET Bias Current
0.0 V
≤ V
ISET ≤ 1.65 V
IB
15
100
nA
(@ –40 C
≤ T
A
≤ +85 C, VCC = 10.0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com