Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3806 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3806
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806 Datasheet(HTML) 1 Page - Analog Devices

  ADP3806 Datasheet HTML 1Page - Analog Devices ADP3806 Datasheet HTML 2Page - Analog Devices ADP3806 Datasheet HTML 3Page - Analog Devices ADP3806 Datasheet HTML 4Page - Analog Devices ADP3806 Datasheet HTML 5Page - Analog Devices ADP3806 Datasheet HTML 6Page - Analog Devices ADP3806 Datasheet HTML 7Page - Analog Devices ADP3806 Datasheet HTML 8Page - Analog Devices ADP3806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
ADP3806
High Frequency Switch Mode
Li-Ion Battery Charger
FEATURES
Li-Ion Battery Charger
Three Battery Voltage Options
Selectable 12.525 V/16.700 V
Selectable 12.600 V/16.800 V
Adjustable
High End-of-Charge Voltage Accuracy
0.4% @ 25 C
0.6% @ 5 C to 55 C
0.7% @ 0 C to 85 C
Programmable Charge Current with Rail-to-Rail
Sensing
System Current Sense with Reverse Input Protection
Soft-Start Charge Current
Undervoltage Lockout
Bootstrapped Synchronous Drive for External NMOS
Programmable Oscillator Frequency
Oscillator SYNC Pin
Low Current Flag
Trickle Charge
APPLICATIONS
Portable Computers
Fast Chargers
FUNCTIONAL BLOCK DIAGRAM
–
gm2
+
SELECT
12.6/16.8
BOOTSTRAPPED
SYNCHRONOUS
DRIVER
CS+
OSCILLATOR
VREF + VREG
UVLO
BIAS
CS–
COMP
REF
AGND
BAT
SD
CT
SW
REG
PGND
VCC
BST
DRVH
DRVL
SYS+ SYS–
ISYS
ISET
LOGIC
CONTROL
LC
SYNC
LIMIT
VREF
2.5V
VREF
ADP3806
BSTREG
BATSEL
SD
IN DRVLSD
VTH
DRVLSD
–
gm1
+
+
–
+
–
+
–
AMP1
+–
AMP2
+–
–
+
GENERAL DESCRIPTION
The ADP3806 is a complete Li-Ion battery-charging IC. The
device combines high output voltage accuracy with constant
current control to simplify the implementation of constant-
current, constant-voltage (CCCV) chargers. The ADP3806 is
available in three options: The ADP3806-12.6 guarantees the
final battery voltage selected is 12.6 V or 16.8 V
± 0.6%, the
ADP3806-12.5 guarantees 12.525 V/16.7 V
± 0.6%, and the
ADP3806 is adjustable using two external resistors to set the
battery voltage. The current sense amplifier has rail-to-rail inputs
to accurately operate under low dropout and short-circuit condi-
tions. The charge current is programmable with a dc voltage on
ISET. A second differential amplifier senses the system current
across an external sense resistor and outputs a linear voltage
on the ISYS pin. The bootstrapped synchronous driver allows
the use of two NMOS transistors for lower system cost.


Similar Part No. - ADP3806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3801AR AD-ADP3801AR Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
ADP3802AR AD-ADP3802AR Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
More results

Similar Description - ADP3806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com