Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR291 Datasheet (PDF) - Analog Devices

ADR291 Datasheet PDF - Analog Devices
Part # ADR291
Download  ADR291 Download
File Size   199.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower Precision Voltage References

ADR291 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR291 Datasheet PDF - Analog Devices

Part # ADR291
Download  ADR291 Click to download

File Size   199.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower Precision Voltage References

ADR291 Datasheet (HTML) - Analog Devices


ADR291 Product details

GENERAL DESCRIPTION
The ADR290, ADR291 and ADR292 are low noise, micropower precision voltage references that use an XFET™ reference circuit. The new XFET architecture offers significant performance improvements over traditional bandgap and Zener-based references. Improvements include: one quarter the voltage noise output of bandgap references operating at the same current, very low and ultralinear temperature drift, low thermal hysteresis and excellent long-term stability.

FEATURES
   Voltage Options 2.048 V, 2.500 V and 4.096 V
   2.7 V to 15 V Supply Range
   Supply Current 12 mA max
   Initial Accuracy 62 mV max
   Temperature Coefficient 8 ppm/8C max
   Low-Noise 6 mV p-p (0.1 Hz–10 Hz)
   High Output Current 5 mA min
   Temperature Range 2408C to 11258C
   REF02/REF19x Pinout

APPLICATIONS
   Portable Instrumentation
   Precision Reference for 3 V and 5 V Systems
   A/D and D/A Converter Reference
   Solar Powered Applications
   Loop-Current Powered Instruments




Similar Part No. - ADR291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR291 AD-ADR291 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR291 AD-ADR291 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR291 AD-ADR291 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Similar Description - ADR291

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
Precision, Low Noise FGA??Voltage References
April 12, 2007
logo
Analog Devices
ADR391 AD-ADR391 Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com