Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet (PDF) - Analog Devices

ADT70 Datasheet PDF - Analog Devices
Part # ADT70
Download  ADT70 Download
File Size   151.54 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PRTD Conditioning Circuit and Temperature Controller

ADT70 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT70 Datasheet PDF - Analog Devices

Part # ADT70
Download  ADT70 Click to download

File Size   151.54 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PRTD Conditioning Circuit and Temperature Controller

ADT70 Datasheet (HTML) - Analog Devices


ADT70 Product details

GENERAL DESCRIPTION

The ADT70 provides excitation and signal conditioning for resistance-temperature devices (RTDs). It is ideally suited for 1 kΩ Platinum RTDs (PRTDs), allowing a very wide range of temperature measurement. It can also easily interface to 100 Ω PRTDs. Using a remote, low cost thin-film PRTD, the ADT70 can measure temperature in the range of –50°C to +500°C.

With high performance platinum elements, the temperature change can be extended to 1000°C. Accuracy of the ADT70 and PRTD system over a –200°C to +1000°C temperature range heavily depends on the quality of the PRTD. Typically the ADT70 will introduce an error of only ±1°C over the transducers temperature range, and the error may be trimmed to zero at a single calibration point.



FEATURES

  PRTD Temperature Measurement Range

  Typical IC Measurement Error 618C

  Includes Two Matched Current Sources

  Rail-to-Rail Output Instrumentation Amp

  Uncommitted, Rail-to-Rail Output Op Amp

  On-Board 12.5 V Reference

  Temperature Coefficient 625 ppm/8C

  15 V or 65 V Operation

  Supply Current 4 mA Max

  10 mA Max in Shutdown



APPLICATIONS

  Temperature Controllers

  Portable Instrumentation

  Temperature Acquisition Cards



 




Similar Part No. - ADT70

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7110 ADTECH-ADT7110 Datasheet
146Kb / 8P
fixed frequency step-down converter designed to drive Infrared LEDs in the CCD camera module application
Jun. 07. 2008 / Rev. 0.1
ADT7200 ADTECH-ADT7200 Datasheet
242Kb / 6P
Multi-CH Power Supply IC for B/W CCD Camera
Rev. 0.1
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
Multi-CH Power Supply IC for Color CCD Camera
ADT7220 ADTECH-ADT7220 Datasheet
117Kb / 6P
power supply chip with 3.3V regulated output
ADT7221 ADTECH-ADT7221 Datasheet
118Kb / 6P
power supply chip with 5V regulated output
More results


Similar Description - ADT70

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
Laser driver and controller circuit
2002 May 06
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
logo
Analog Devices
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com