Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 2 Page - Analog Devices

  ADT70 Datasheet HTML 1Page - Analog Devices ADT70 Datasheet HTML 2Page - Analog Devices ADT70 Datasheet HTML 3Page - Analog Devices ADT70 Datasheet HTML 4Page - Analog Devices ADT70 Datasheet HTML 5Page - Analog Devices ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SYSTEM CONFIGURATION
Gain
RL = 1 kΩ
1.234
1.295
1.364
mV/
Ω
Line Regulation
–2.25
0.35
2.25
%/V
CURRENT SOURCES
Output Current
IQ1, IQ2
RL = 1 kΩ
0.9
mA
Output Current Mismatch
I
Q1 – IQ2
R
L = 1 kΩ
–2
0.5
2
µA
Voltage Compliance
–VS to +VS – 1.5
V
INSTRUMENTATION AMP
Input Offset Voltage
VIOS
–700
150
700
µV
TA = +25°C
–500
100
500
µV
Output Offset Voltage
VOOS
–12
512
mV
TA = +25°C–7
37
mV
Input Bias Current
IB
–75
40
75
nA
TA = +25°C
–60
30
60
nA
Input Offset Current
IOS
–3
13
nA
Common-Mode Rejection
CMR
VCM = 0.5 V to 3 V
65
85
dB
Output Voltage Swing
VOUT
RL =
∞ , V
S =
5 V
–VS + 25
+VS – 25
mV
Power Supply Rejection Ratio
PSRR
+ 4.5 V
≤ V
S ≤
5.5 V
–2.5
0.5
2.5
mV/V
VOLTAGE REFERENCE
Output Voltage
2.485
2.5
2.515
V
TA = +25°C
2.49
2.5
2.51
V
Load Regulation
I
L = 0 mA to 1 mA
250
ppm/mA
Temperature Coefficient
10
ppm/
°C
Line Regulation
+ 4.5 V
≤ V
S ≤ +5.5 V
75
ppm/V
OPERATIONAL AMPLIFIER
Input Offset Voltage
VIOA
–1,000
400
1,000
µV
TA = +25°C
–800
200
800
µV
Input Offset Voltage Drift
TCVIOA
1
µV/°C
Input Bias Current
IB
–75
40
75
nA
TA = +25°C
–60
30
60
nA
Input Offset Current
IOS
–3
13
nA
Open-Loop Voltage Gain
A
VOL
R
L =
∞
2V/
µV
Output Voltage Swing
VOUTA
RL =
∞
–VS + 10
+VS – 10
mV
Common-Mode Rejection Ratio
CMRR
VCM = 1 V to 4 V
85
105
dB
TA = +25°C
88
110
dB
Power Supply Rejection Ratio
PSRR
3 V
≤ V
S ≤
6 V
100
150
dB
Slew Rate
SR
T
A = +25°C, AV = 1,
0.17
V/
µs
VIN = 0 V to 4 V
SHUTDOWN INPUT
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.4
V
POWER SUPPLY
Supply Current
I
SY
R
L = 1 kΩ
3.5
5
mA
Shutdown Supply Current
ISD
10
30
µA
Supply Voltage
VS
+4.5
+5.5
V
Dual Supply Voltage
4.5
5.5
V
Specifications subject to change without notice.
ADT70–SPECIFICATIONS
REV. 0
–2–
(VS =
5 V,
40 C
≤ T
A
≤ 125 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com