Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices ADT70 Datasheet HTML 10Page - Analog Devices ADT70 Datasheet HTML 11Page - Analog Devices ADT70 Datasheet HTML 12Page - Analog Devices ADT70 Datasheet HTML 13Page - Analog Devices ADT70 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADT70
REV. 0
–11–
achieve in a single supply application where the negative rail is
ground or 0 V. Therefore, to achieve full scale operation the
output of ADT70 should be shifted by 1 V to allow for opera-
tion in the 0 V to 5 V region.
The most straightforward method to shift the output voltage
incorporates the use of the GND SENSE as shown in Figure 29.
To shift output voltage range apply a potential equal to the neces-
sary shift on the GND SENSE pin. For example, to shift the out-
put voltage, OUTIA, up to 1 V to GND SENSE, apply 1 V to
GND SENSE. When applying a potential to GND SENSE, care
should be taken to ensure that the voltage source is capable of driv-
ing 2 k
Ω and does not introduce excessive noise. Figure 29 uses the
on-board 2.5 V voltage reference for a low noise source. This refer-
ence is then divided to 1 V and buffered by the on-board op amp
to drive GND SENSE at a low impedance. A small 500
Ω potenti-
ometer can be used to calibrate the initial offset error to zero.
However, a voltage applied to GND SENSE is not the only
method to shift the voltage range. Placing a 768
Ω resistor in the
PRTD sensor path also shifts the output voltage by 1 V. This
second method, as shown in Figure 30, is usually not recom-
mended for the following reasons; the input voltage range of the
op amps is limited to around 1 V from the negative and positive
rails and this could cause problems at high temperature, limiting
the upper range to 600
°C; the physical location of this resistor
(if placed at a distance from the ADT70) may have an impact
on the noise performance. The method frees up the on-board op
amp for another function and achieves the lowest impedance
ground point for GND SENSE.
This brief section on ADT70 single supply operation has focused
on simple techniques to bias the ADT70 such that all output volt-
ages are within operational range. However, these techniques may
not be useful in all single supply applications. For example, in Fig-
ure 3 the additional on-board op amp is operating at near ground
potential which will create problems in a single supply application
+INIA
INIA
INST
AMP
SHUT-
DOWN
GND
SENSE
OUTIA
DGND
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS
2.5VREFOUT
1k
PRTD
SENSOR
RG
RG
49.9k
1k
REF
RESISTOR
TO CONTROLLER
15k
9.76k
500
POT
ADT70
Figure 29. A Single Supply Application with Shifted Ground Sense Pin
+INIA
INIA
INST
AMP
SHUT-
DOWN
GND
SENSE
DGND
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS
2.5VREFOUT
1K
PRTD
RG
RG
49.9k
768
RESISTOR
TO CONTROLLER
1K
REF
RESISTOR
VS
TO A/D CONVERTER
VREF
+5V
ADT70
Figure 30. A Basic Single Supply Operational Diagram with Bias Resistor in Sensor Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com