Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet(PDF) 12 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices ADT70 Datasheet HTML 10Page - Analog Devices ADT70 Datasheet HTML 11Page - Analog Devices ADT70 Datasheet HTML 12Page - Analog Devices ADT70 Datasheet HTML 13Page - Analog Devices ADT70 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADT70
REV. 0
–12–
because the input voltage range of the on-board op amp only ex-
tends to about 1 V above the negative rail. If the application re-
quires the inputs of either the on-board amp or instrumentation
amplifier to operate within 1 V of ground, it will be necessary to
generate a “pseudo-ground.” Figure 31 illustrates a typical
ADT70 “pseudo-ground” application. The Analog Devices’
ADR290, a 2.048 V reference, is being used to generate the
“pseudo-ground.” The ADR290 was selected for the following
reasons: low noise, ability to drive the required 5 mA in this
application, good temperature stability, which is usually impor-
tant in a PRTD application. However, one undesired effect of
introducing the pseudo-ground is the loss in voltage range at
high temperature. In our example, the PRTD will only operate
from –200
°C to +400°C corresponding to an input voltage
range of 1 V to 4 V.
100
PRTD Application Circuit
A 1000
Ω PRTD sensor scales by 3.85 Ωs/°C, which is exactly
ten times the scale of the 100
Ω PRTD sensor. The ADT70
has been designed to allow for 1000
Ω or 100 Ω PRTD sen-
sors. Only the gain setting resistor RG needs to be altered. For
a 100
Ω PRTD 0.00385 sensor, change RG to 4.99 kΩ as illus-
trated in Figure 32. In single supply application, with a 100
Ω
PRTD sensor, a “pseudo-ground” will be necessary because the
inputs of the instrumentation amplifier will be within 1 V of the
negative rail. See the section on single supply applications for
more information.
+INIA
INIA
INST
AMP
RG
RG
4.99k
GND
SENSE
OUT
Figure 32. 100
Ω 0.00385 PRTD Application Showing
New Value for RG
+INIA
INIA
INST
AMP
SHUT-
DOWN
GND
SENSE
DGND
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS
2.5VREFOUT
1k
PRTD
RG
RG
49.9k
VS
OUT
IN
GND
ADR290
0.1 F
0.1 F
10 F
OUT
AGND
1k
REF
RESISTOR
NODE D
NODE C
+5V
+5V
ADT70
Figure 31. Single Supply Application with an ADR290 “Pseudo-Ground”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com