Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 1 Page - Analog Devices

  ADT70 Datasheet HTML 1Page - Analog Devices ADT70 Datasheet HTML 2Page - Analog Devices ADT70 Datasheet HTML 3Page - Analog Devices ADT70 Datasheet HTML 4Page - Analog Devices ADT70 Datasheet HTML 5Page - Analog Devices ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FUNCTIONAL BLOCK DIAGRAM
RGA RGB
INIA
+INIA
INST
AMP
SHUT-
DOWN
GND
SENSE
OUTIA AGND
DGND
VS
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS 2.5VREFOUT
ADT70
PIN CONFIGURATIONS
20-Lead P-DIP
(N Suffix)
SHUTDOWN
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
–VS
+INOA
–INOA
VOUT OA
+VS
AGND
VREFOUT
BIAS
VOUT IA
DGND
NULLA
NULLB
IOUTA
IOUTB
–INIA
+INIA
RGA
RGB
GND SENSE
a
ADT70
TOP VIEW
(Not to Scale)
20-Lead SOIC
(R Suffix)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
–VS
+INOA
–INOA
VOUT OA
+VS
AGND
VREFOUT
BIAS
VOUT IA
DGND
SHUTDOWN
NULLA
NULLB
IOUTA
IOUTB
INIA
INIA
RGA
RGB
GND SENSE
ADT70
TOP VIEW
(Not to Scale)
a
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
PRTD Conditioning Circuit
and Temperature Controller
ADT70*
FEATURES
PRTD Temperature Measurement Range
Typical IC Measurement Error
1 C
Includes Two Matched Current Sources
Rail-to-Rail Output Instrumentation Amp
Uncommitted, Rail-to-Rail Output Op Amp
On-Board
2.5 V Reference
Temperature Coefficient
25 ppm/ C
5 V or
5 V Operation
Supply Current 4 mA Max
10
A Max in Shutdown
APPLICATIONS
Temperature Controllers
Portable Instrumentation
Temperature Acquisition Cards
GENERAL DESCRIPTION
The ADT70 provides excitation and signal conditioning for
resistance-temperature devices (RTDs). It is ideally suited for
1 k
Ω Platinum RTDs (PRTDs), allowing a very wide range of
temperature measurement. It can also easily interface to 100
Ω
PRTDs. Using a remote, low cost thin-film PRTD, the ADT70
can measure temperature in the range of –50
°C to +500°C.
With high performance platinum elements, the temperature
change can be extended to 1000
°C. Accuracy of the ADT70
and PRTD system over a –200
°C to +1000°C temperature
range heavily depends on the quality of the PRTD. Typically
the ADT70 will introduce an error of only
±1°C over the
transducer's temperature range, and the error may be trimmed
to zero at a single calibration point.
The ADT70 consists of two matched 1 mA (nominal) current
sources for transducer and reference resistor excitation, a preci-
sion rail-to-rail output instrumentation amplifier, a 2.5 V refer-
ence and an uncommitted rail-to-rail output op amp. The
ADT70 includes a shutdown function for battery powered
equipment, which reduces the quiescent current from 4 mA to
less than 10
µA. The ADT70 operates from either single +5 V
or
±5 V supplies. Gain or full-scale range for the PRTD and
ADT70 system is set by a precision external resistor connected
to the instrumentation amplifier. The uncommitted op amp may
be used for scaling the internal voltage reference, providing a
“PRTD open” signal or “over-temperature” warning, a heater
switching signal, or other external conditioning determined by
the user.
The ADT70 is specified for operation from
40
°C to 125°C
and is available in 20-lead DIP and SO packages.
*Patent pending.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - ADT70

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7110 ADTECH-ADT7110 Datasheet
146Kb / 8P
fixed frequency step-down converter designed to drive Infrared LEDs in the CCD camera module application
Jun. 07. 2008 / Rev. 0.1
ADT7200 ADTECH-ADT7200 Datasheet
242Kb / 6P
Multi-CH Power Supply IC for B/W CCD Camera
Rev. 0.1
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
Multi-CH Power Supply IC for Color CCD Camera
ADT7220 ADTECH-ADT7220 Datasheet
117Kb / 6P
power supply chip with 3.3V regulated output
ADT7221 ADTECH-ADT7221 Datasheet
118Kb / 6P
power supply chip with 5V regulated output
More results

Similar Description - ADT70

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
Laser driver and controller circuit
2002 May 06
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
logo
Analog Devices
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com