Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT70 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices ADT70 Datasheet HTML 10Page - Analog Devices ADT70 Datasheet HTML 11Page - Analog Devices ADT70 Datasheet HTML 12Page - Analog Devices ADT70 Datasheet HTML 13Page - Analog Devices ADT70 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ADT70
REV. 0
–13–
American PRTD Application Circuit
The majority of PRTD sensors use a scale factor of 0.00385
Ω/Ω/°C.
This type of sensor is known as the European PRTD and is the most
common PRTD sensor. However, there is also an American PRTD
sensor that uses a scale factor of 0.00392
Ω/Ω/°C. Figure 33 illus-
trates the input section of the ADT70 configured for the Ameri-
can PRTD. The ideal value for RG is 50.98 k
Ω when yielding a
5 mV/
°C ADT70 output.
+INIA
INIA
INST
AMP
RG
RG
49.9k
2k
1k
REF
RESISTOR
1k
PRTD
IOUTA
IOUTB
NOTE: IDEAL VALUE
FOR RG ˜= 51k
GND
SENSE
OUT
Figure 33. Typical PRTD Application with American
0.003916
Ω/ Ω /°C Scale; 1 kΩ Scale
+INIA
INIA
INST
AMP
SHUT-
DOWN
DGND
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS
2.5VREFOUT
RG
RG
+5V
R
R
R
R
COLUMBIA RESEARCH LAB
MODEL DT3617
STRAIN SENSOR
R = 1k
5V
ADT70
Figure 34. Typical Strain Sensor Application (Two Element Varying)
Strain Gauge Sensor Application Circuit
Figure 34 illustrates a typical strain gauge bridge circuit. The
versatility of the ADT70 allows the part to be used with most
bridge circuits that are within the 50 k
Ω to 5 kΩ impedance
range. The sensor used in this circuit has two elements varying.
If a constant current is driven into the sensor, a linear VOUT is
obtained. In addition, the ADT70 will work with most bridge
circuits whether one-, two-, or all-element varying.
Securing Additional Current from the Current Sources
Some sensor applications need a higher excitation current to in-
crease sensor sensitivity. There are two methods to increase the
current from the on-board current sources of the ADT70. The
most flexible method involves changing the voltage at the BIAS
node. The equation for determining the BIAS potential vs. Out-
put current is 2.5 V for roughly 1 mA, or in other words, to
double the current output simply put 5 V into BIAS. The BIAS
node should be driven with a low-noise source, such as a refer-
ence, because output current is directly dependent on BIAS volt-
age. Directly tying BIAS to the positive supply rail may produce
too much current noise especially if the positive rail is not well
regulated. The second method involves tying the two ADT70
current outputs together which doubles the current. Of course,
this technique is most useful if, as illustrated in Figure 34, the ap-
plication requires only one current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com