Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD12H Datasheet (PDF) - Zowie Technology Corporation

SCD12H Datasheet PDF - Zowie Technology Corporation
Part # SCD12H
Download  SCD12H Download
File Size   234.19 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode

SCD12H Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD12H Datasheet PDF - Zowie Technology Corporation

Part # SCD12H
Download  SCD12H Click to download

File Size   234.19 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode

SCD12H Datasheet (HTML) - Zowie Technology Corporation


SCD12H Product details

FEATURES
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
    Classification 94V-0
   
APPLICATION
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
   




Similar Part No. - SCD12H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD12 ZOWIE-SCD12 Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
First Components Intern...
SCD12 FCI-SCD12 Datasheet
65Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW PROFILE PACKAGE
logo
Zowie Technology Corpor...
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
More results


Similar Description - SCD12H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com