Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7177 Datasheet (PDF) - Analog Devices

ADV7177 Datasheet PDF - Analog Devices
Part # ADV7177
Download  ADV7177 Download
File Size   280.09 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Digital CCIR-601 to PAL/NTSC Video Encoder

ADV7177 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7177 Datasheet PDF - Analog Devices

Part # ADV7177
Download  ADV7177 Click to download

File Size   280.09 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Digital CCIR-601 to PAL/NTSC Video Encoder

ADV7177 Datasheet (HTML) - Analog Devices


ADV7177 Product details

GENERAL DESCRIPTION

The ADV7177/ADV7178 is an integrated digital video encoder that converts Digital CCIR-601 4:2:2 8- or 16-bit component video data into a standard analog baseband television signal compatible with worldwide standards. The 4:2:2 YUV video data is interpolated to two times the pixel rate. The color difference components (UV) are quadrature modulated using a subcarrier frequency generated by an on-chip 32-bit digital synthesizer (also running at two times the pixel rate).



FEATURES

  ITU-R BT601/656 YCrCb to PAL/NTSC Video Encoder

  High Quality 9-Bit Video DACs

  Integral Nonlinearity <1 LSB at 9 Bits

  NTSC-M, PAL-M/N, PAL-B/D/G/H/I

  Single 27 MHz Crystal/Clock Required (32 Oversampling)

  75 dB Video SNR

  32-Bit Direct Digital Synthesizer for Color Subcarrier

  Multistandard Video Output Support:

     Composite (CVBS)

     Component S-Video (Y/C)

     Component YUV and RGB

  Video Input Data Port Supports:

     CCIR-656 4:2:2 8-Bit Parallel Input Format

     4:2:2 16-Bit Parallel Input Format

  SMPTE 170M NTSC-Compatible Composite Video

  ITU-R BT.470 PAL-Compatible Composite Video

  Full Video Output Drive or Low Signal Drive Capability

     34.7 mA max into 37.5 V (Doubly-Terminated 75R)

     5 mA min with External Buffers

  Programmable Simultaneous Composite and S-VHS

  (VHS) Y/C or RGB (SCART)/YUV Video Outputs

  Programmable Luma Filters (Low-Pass/Notch/Extended)

  Programmable VBI (Vertical Blanking Interval)

  Programmable Subcarrier Frequency and Phase

  Programmable LUMA Delay

  Individual ON/OFF Control of Each DAC

  CCIR and Square Pixel Operation

  Color Signal Control/Burst Signal Control

  Interlaced/Noninterlaced Operation

  Complete On-Chip Video Timing Generator

  OSD Support (AD7177 Only)

  Programmable Multimode Master/Slave Operation

  Macrovision Antitaping Rev 7.01 (ADV7178 Only)**

  Closed Captioning Support

  Onboard Voltage Reference

  2-Wire Serial MPU Interface (I2C® Compatible)

  Single Supply +5 V or +3 V Operation

  Small 44-Lead PQFP Package

  Synchronous 27 MHz/13.5 MHz Clock O/P



APPLICATIONS

  MPEG-1 and MPEG-2 Video, DVD, Digital Satellite/Cable Systems (Set Top Boxes/IRDs), Digital TVs, CD Video/Karaoke, Video Games, PC Video/Multimedia



 




Similar Part No. - ADV7177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results


Similar Description - ADV7177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV.A
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com