Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet (PDF) - Analog Devices

ADV7175 Datasheet PDF - Analog Devices
Part # ADV7175
Download  ADV7175 Download
File Size   447.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder

ADV7175 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7175 Datasheet PDF - Analog Devices

Part # ADV7175
Download  ADV7175 Click to download

File Size   447.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder

ADV7175 Datasheet (HTML) - Analog Devices


ADV7175 Product details

GENERAL DESCRIPTION
The ADV7175/ADV7176 is an integrated digital video encoder that converts Digital CCIR-601 4:2:2 component video data into a standard analog baseband television signal compatible with world wide standards NTSC, PAL B/D/G/H/I, PAL M or PAL N. In addition to the composite output signal, there is the facility to output S-VHS Y/C video, YUV or RGB video. The Y/C, YUV or RGB format is simultaneously available at the analog outputs with the composite video signal. Each analog output generates a standard video-level signal into a doubly terminated 75 Ω load.

FEATURES
    CCIR-601 YCrCb to PAL/NTSC Video Encoder
    Single 27 MHz Clock Required (32 Oversampling)
    Pixel Port Supports:
        CCIR-656 4:2:2 8-Bit Parallel Input Format
        4:2:2 16-Bit Parallel Input Format
    SMPTE 170M NTSC Compatible Composite Video Output
    CCIR624/CCIR601 PAL Compatible Composite Video Output
    SCART/PeriTV Support
    YUV Output Mode
    Simultaneous Composite and S-VHS Y/C or RGB YUV Video Outputs
    Programmable Luma Filters (Low-Pass/Notch)
    Square Pixel Support (Slave Mode)
    Allows Subcarrier Phase Locking with External Video Source
    10-Bit DAC Resolution for Encoded Video Channels
    8-Bit DAC Resolution for RGB Output
    YUV Interpolation for Accurate Subcarrier Construction
    Programmable Subcarrier Frequency and Phase
    Programmable LUMA Delay
    Color Signal Control/Burst Signal Control
    Interlaced/Noninterlaced Operation
    Complete On-Chip Video Timing Generator
    Master/Slave Operation Supported
    Master Mode Timing Programmability
    Macrovision Antitaping Facility Rev 6.1/7.x (ADV7175 Only)*
    Close Captioning Support
    Teletext Support (Passthrough Mode)
    On-Board Color Bar Generation
    On-Board Voltage Reference
    2-Wire Serial MPU Interface (I2C Compatible)
    +5 V CMOS Monolithic Construction
    44-Pin PQFP Thermally Enhanced Package

APPLICATIONS
    MPEG-1 and MPEG-2 Video
    DVD
    Digital Satellite/Cable Systems (Set Top Boxes/IRDs)
    Video Games
    CD Video/Karaoke
    Professional Studio Quality
    PC Video/Multimedia




Similar Part No. - ADV7175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7175AKS AD-ADV7175AKS Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results


Similar Description - ADV7175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV.0
logo
Synaptics Incorporated.
BT860-BT861 CONEXANT-BT860-BT861 Datasheet
1Mb / 111P
Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
YCrCb to NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com