Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 1 Page - Analog Devices

  ADV7175 Datasheet HTML 1Page - Analog Devices ADV7175 Datasheet HTML 2Page - Analog Devices ADV7175 Datasheet HTML 3Page - Analog Devices ADV7175 Datasheet HTML 4Page - Analog Devices ADV7175 Datasheet HTML 5Page - Analog Devices ADV7175 Datasheet HTML 6Page - Analog Devices ADV7175 Datasheet HTML 7Page - Analog Devices ADV7175 Datasheet HTML 8Page - Analog Devices ADV7175 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Integrated Digital CCIR-601
YCrCb to PAL/NTSC Video Encoder
ADV7175/ADV7176
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
CCIR-601 YCrCb to PAL/NTSC Video Encoder
Single 27 MHz Clock Required ( 2 Oversampling)
Pixel Port Supports:
CCIR-656 4:2:2 8-Bit Parallel Input Format
4:2:2 16-Bit Parallel Input Format
SMPTE 170M NTSC Compatible Composite Video Output
CCIR624/CCIR601 PAL Compatible Composite Video Output
SCART/PeriTV Support
YUV Output Mode
Simultaneous Composite and S-VHS Y/C or RGB YUV
Video Outputs
Programmable Luma Filters (Low-Pass/Notch)
Square Pixel Support (Slave Mode)
Allows Subcarrier Phase Locking with External Video
Source
10-Bit DAC Resolution for Encoded Video Channels
8-Bit DAC Resolution for RGB Output
YUV Interpolation for Accurate Subcarrier Construction
Programmable Subcarrier Frequency and Phase
Programmable LUMA Delay
Color Signal Control/Burst Signal Control
Interlaced/Noninterlaced Operation
Complete On-Chip Video Timing Generator
Master/Slave Operation Supported
Master Mode Timing Programmability
Macrovision Antitaping Facility Rev 6.1/7.x (ADV7175 Only)*
Close Captioning Support
Teletext Support (Passthrough Mode)
On-Board Color Bar Generation
On-Board Voltage Reference
2-Wire Serial MPU Interface (I2C Compatible)
+5 V CMOS Monolithic Construction
44-Pin PQFP Thermally Enhanced Package
APPLICATIONS
MPEG-1 and MPEG-2 Video
DVD
Digital Satellite/Cable Systems (Set Top Boxes/IRDs)
Video Games
CD Video/Karaoke
Professional Studio Quality
PC Video/Multimedia
GENERAL DESCRIPTION
The ADV7175/ADV7176 is an integrated digital video encoder
that converts Digital CCIR-601 4:2:2 component video data into a
standard analog baseband television signal compatible with world
wide standards NTSC, PAL B/D/G/H/I, PAL M or PAL N. In
addition to the composite output signal, there is the facility to out-
put S-VHS Y/C video, YUV or RGB video. The Y/C, YUV or
RGB format is simultaneously available at the analog outputs with
the composite video signal. Each analog output generates a
standard video-level signal into a doubly terminated 75
Ω load.
(Continued on page 6)
FUNCTIONAL BLOCK DIAGRAM
YUV TO
RBG
MATRIX
RESET
VAA
8
8
8
10
8
8
8
10
8
8
8
10
INTER-
POLATOR
YCrCb
TO
YUV
MATRIX
SIN/COS
DDS BLOCK
10
10
8
10
10
10
10
M
U
L
T
I
P
L
E
X
E
R
VIDEO TIMING
GENERATOR
I2C MPU PORT
4:2:2 TO
4:4:4
INTER-
POLATOR
VOLTAGE
REFERENCE
CIRCUIT
SCLOCK SDATA ALSB
8
8
HSYNC
FIELD/
VSYNC
BLANK
CLOCK
GND
GREEN/
LUMA/
Y
RED/
CHROMA/
V
BLUE/
COMPOSITE/
U
COMPOSITE
VREF
RSET
COMP
V
LOW-PASS
FILTER
ADD
BURST
8
8
8
ADV7175/ADV7176
10-BIT
DAC
COLOR
DATA
P7–P0
P15–P8
10-BIT
DAC
10-BIT
DAC
REAL-TIME
CONTROL
CIRCUIT
SCRESET/RTC
INTER-
POLATOR
ADD
BURST
INTER-
POLATOR
ADD
SYNC
U
LOW-PASS
FILTER
Y
LOW-PASS
FILTER
10-BIT
DAC
*This device is protected by U.S. Patent Numbers 4631603, 4577216, 4819098 a nd other intellectual property rights. The Macrovision anticopy process is
licensed for noncommercial home use only, which is its sole intended use in the devic e. Please contact sales office for latest Macrovision version available.


Similar Part No. - ADV7175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7175AKS AD-ADV7175AKS Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results

Similar Description - ADV7175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV.0
logo
Synaptics Incorporated.
BT860-BT861 CONEXANT-BT860-BT861 Datasheet
1Mb / 111P
Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
YCrCb to NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com