Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 14Page - Analog Devices ADV7175 Datasheet HTML 15Page - Analog Devices ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADV7175/ADV7176
REV. A
–18–
MODE REGISTER 1 MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Mode Register 1 is a 8-bit wide register.
Figure 32 shows the various operations under the control of Mode
Register 1. This register can be read from as well written to.
MODE REGISTER 1 (MR17–MR10) BIT DESCRIPTION
Interlaced Mode Control (MR10):
This bit is used to setup the output to interlaced or non-inter-
laced mode. This mode is only relevant when the part is in
composite video mode.
Closed Captioning Field Control (MR12–MR11)
These bits control the field that close captioning data is displayed
on close captioning information can be displayed on an odd field,
even field or both fields.
DAC Control (MR16–MR13)
These bits can be used to power down the DACs. This can be
used to reduce the power consumption of the ADV7175/ADV7176
if any of the DACs are not required in the application.
Color Bar Control (MR17)
This bit can be used to generate and output an internal color
bar. The color bar configuration is 75/75/75/7.5 for NTSC and
100/0/75/0 for PAL.
MR11
MR10
MR17
MR12
MR13
MR15
MR16
MR14
CLOSED CAPTIONING
FIELD SELECTION
0
0
NO DATA OUT
0
1
ODD FIELD ONLY
1
0
EVEN FIELD ONLY
1
1
DATA OUT
(BOTH FIELDS)
MR12 MR11
COMPOSITE DAC
CONTROL
0
NORMAL
1
POWER DOWN
MR16
GREEN/LUMA
DAC CONTROL
0
NORMAL
1
POWER DOWN
MR14
RED/CHROMA
DAC CONTROL
0
NORMAL
1
POWER DOWN
MR13
BLUE/COMPOSITE
DAC CONTROL
0
NORMAL
1
POWER DOWN
MR15
INTERLACE
CONTROL
0
INTERLACED
1
NON-INTERLACED
MR10
COLOR BAR
CONTROL
0
DISABLE
1
ENABLE
MR17
Figure 32. Mode Register 1
MODE REGISTER 0 (MR07–MR00) BIT DESCRIPTION
Encode Mode Control (MR01–MR00):
These bits are used to set up the encode mode. The ADV7175/
ADV7176 can be set up to output NTSC, PAL (B, D, G, H, I),
PAL (M) and PAL (N) standard video.
Pedestal Control (MR02)
This bit specifies whether a pedestal is to be generated on the
NTSC composite video signal. This bit is invalid if the
ADV7175/ADV7176 is configured in PAL mode.
Luminance Filter Control (MR04–MR03)
These bits are used for selecting between a filter for the lumi-
nance signal. These filters automatically are set to the cutoff fre-
quency for the low-pass filters and the subcarrier frequency for
the notch filter. The extended mode filter is a 5.5 MHz low-pass
filter. The filters are illustrated in Figures 3 to 11.
RGB Sync (MR05)
This bit is used to set up the RGB outputs with the sync infor-
mation encoded.
Output Control (MR06)
This bit specifies if the part is in composite video or RGB/YUV
mode. Please note that in RGB/YUV mode the main composite
signal is still available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com