Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices ADV7175 Datasheet HTML 23Page - Analog Devices ADV7175 Datasheet HTML 24Page - Analog Devices ADV7175 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADV7175/ADV7176
REV. A
–21–
MR21
MR27
MR22
MR23
MR26
MR25
MR24
MR20
CHROMINANCE
CONTROL
0
ENABLE COLOR
1
DISABLE COLOR
MR24
GENLOCK SELECTION
x
0
DISABLE GENLOCK
0
1
ENABLE SUBCARRIER
RESET PIN
1
1
ENABLE RTC PIN
MR22 MR21
RGB/YUV
CONTROL
0
RGB OUTPUT
1
YUV OUTPUT
MR26
SQUARE PIXEL
CONTROL
0
DISABLE
1
ENABLE
MR20
BURST
CONTROL
0
ENABLE BURST
1
DISABLE BURST
MR25
LOWER POWER
MODE
0
DISABLE
1
ENABLE
MR27
CCIR624/CCIR601
CONTROL
0
CCIR624 OUTPUT
1
CCIR601 OUTPUT
MR23
Figure 38. Mode Register 2
MR31
MR37
MR32
MR33
MR36
MR35
MR34
MR30
DAC OUTPUT
SWITCHING
MR37
DAC A
COMPOSITE
GREEN/LUMA/Y
0
1
DAC B
BLUE/COMP/U
BLUE/COMP/U
DAC C
RED/CHROMA/V
RED/CHROMA/V
DAC D
GREEN/LUMA/Y
COMPOSITE
MR36-MR30
(RESERVED)
ZERO SHOULD BE
WRITTEN TO THESE BITS
Figure 40. Mode Register 3
CCIR624/CCIR601 Control (MR23)
This bit switches the video output between CCIR624 and
CCIR601 video standard.
Chrominance Control (MR24)
This bit enables the color information to be switched on and off
the video output.
Burst Control (MR25)
This bit enables the burst information to be switched on and off
the video output.
RGB/YUV Control (MR26)
This bit enables the output from the RGB DACs to be set to
YUV output video standard. Bit MR06 of Mode Register 0
must be set to Logic Level “1” before MR26 is set.
Lower Power Control (MR27)
This bit enables the lower power mode of the ADV7175/
ADV7176.
NTSC PEDESTAL CONTROL REGISTERS 3–0
(PCE15–0, PCO15–0)
(Subaddress (SR4–SR0) = 11-0EH)
These 8-bit wide registers are used to set up the NTSC pedestal
on a line by line basis in the vertical blanking interval for both
odd and even fields. Figure 39 shows the four control registers.
A Logic “1” in any of the bits of these registers has the effect of
turning the pedestal off on the equivalent line.
FIELD 1/3
PCO6
PCO5
PCO3
PCO1
PCO4
PCO2
PCO0
PCO7
LINE 17 LINE 16 LINE 15 LINE 14 LINE 13 LINE 12 LINE 11 LINE 10
PCO14
PCO13
PCO11
PCO9
PCO12
PCO10
PCO8
PCO15
LINE 25 LINE 24 LINE 23 LINE 22 LINE 21 LINE 20 LINE 19 LINE 18
FIELD 1/3
FIELD 2/4
PCE6
PCE5
PCE3
PCE1
PCE4
PCE2
PCE0
PCE7
LINE 17 LINE 16 LINE 15 LINE 14 LINE 13 LINE 12 LINE 11 LINE 10
PCE14
PCE13
PCE11
PCE9
PCE12
PCE10
PCE8
PCE15
LINE 25 LINE 24 LINE 23 LINE 22 LINE 21 LINE 20 LINE 19 LINE 18
FIELD 2/4
Figure 39. Pedestal Control Registers
MODE REGISTER 3 MR3 (MR37–30)
(Address (SR4–SR0) = 12H)
Mode Register 3 is an 8-bit wide register.
Figure 34 shows the various operations under the control of
Mode Register 3. Bits MR36–MR30 are reserved and Logic “0”
should be written to them.
MODE REGISTER 3 (MR37–MR30) DESCRIPTION
DAC Switching Control (MR37)
This bit is used to switch the luminance signal onto the compos-
ite DAC. Figure 40 illustrates the DAC outputs and how they
switch when MR 37 is set to Logic “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com