Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 15Page - Analog Devices ADV7175 Datasheet HTML 16Page - Analog Devices ADV7175 Datasheet HTML 17Page - Analog Devices ADV7175 Datasheet HTML 18Page - Analog Devices ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices ADV7175 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADV7175/ADV7176
REV. A
–19–
SUBCARRIER FREQUENCY REGISTERS 3–0 (FSC3–FSC0)
(Address (SR4–SR0) = 05H–02H)
These 8-bit wide registers are used to set up the subcarrier fre-
quency. The value of these registers are calculated by using the
following equation:
Subcarrier Frequency Register =
232 –1
FCLK
* FSCF
i.e.: NTSC Mode, FCLK = 27 MHz, FSCF = 3.5796 MHz
Subcarrier Frequency Register =
232 –1
27
×106
* 3.579545
×106
Subcarrier Frequency Register = 21F07C16 HEX
Figure 33 shows how the frequency is set up by the 4 registers.
SUBCARRIER
FREQUENCY
REG 0
SUBCARRIER
FREQUENCY
REG 1
SUBCARRIER
FREQUENCY
REG 2
SUBCARRIER
FREQUENCY
REG 3
FSC6
FSC5
FSC3
FSC1
FSC4
FSC2
FSC0
FSC7
FSC30 FSC29
FSC27
FSC25
FSC28
FSC26
FSC24
FSC31
FSC22 FSC21
FSC19
FSC17
FSC20
FSC18
FSC16
FSC23
FSC14 FSC13
FSC11
FSC9
FSC12
FSC10
FSC8
FSC15
Figure 33. Subcarrier Frequency Register
SUBCARRIER PHASE REGISTER (FP7–FP0):
(Address (SR4–SR0) = 06H)
This 8-bit wide register is used to set up the subcarrier phase.
Each bit represents 1.41
°.
TIMING REGISTER 0 (TR07–TR00)
(Address (SR4-SR0) = 07H)
Timing Register 0 is a 8-bit wide register.
Figure 34 shows the various operations under the control of
Timing Register 0. This register can be read from as well
written to.
TIMING REGISTER 0 (TR07–TR00)
BIT DESCRIPTION
Master/Slave Control (TR00)
This bit controls whether the ADV7175/ADV7176 is in master
or slave mode.
Timing Mode Control (TR02–TR01)
These bits control the timing mode of the ADV7175/ADV7176
These modes are described in the Timing and Control section
of the data sheet.
BLANK
Control (TR03)
This bit controls whether the BLANK input is used when the
part is in slave mode.
Luma Delay Control (TR05–TR04)
These bits control the addition of a luminance delay. Each bit
represents a delay of 74 ns.
Pixel Port Select (TR06)
This bit is used to set the pixel port to accept 8-bit or 16-bit
data. If an 8-bit input is selected the data will be set up on
Pins P7–P0.
Timing Register Reset (TR07)
Toggling TR07 from low to high and low again resets the inter-
nal timing counters. This bit should be toggled after setting up a
new timing mode.
TR01
TR00
TR07
TR02
TR03
TR05
TR06
TR04
TIMING
REGISTER RESET
TR07
BLACK INPUT
CONTROL
0
ENABLE
1
DISABLE
TR03
PIXEL PORT
CONTROL
0
8-BIT
1
16-BIT
TR06
MASTER/SLAVE
CONTROL
0
SLAVE TIMING
1
MASTER TIMING
TR00
LUMA DELAY
0
0
0ns DELAY
0
1
74ns DELAY
1
0
148ns DELAY
1
1
222ns DELAY
TR05 TR04
TIMING MODE
SELECTION
0
0
MODE 0
0
1
MODE 1
1
0
MODE 2
1
1
MODE 3
TR02 TR01
Figure 34. Timing Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com