Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7175 Datasheet HTML 19Page - Analog Devices ADV7175 Datasheet HTML 20Page - Analog Devices ADV7175 Datasheet HTML 21Page - Analog Devices ADV7175 Datasheet HTML 22Page - Analog Devices ADV7175 Datasheet HTML 23Page - Analog Devices ADV7175 Datasheet HTML 24Page - Analog Devices ADV7175 Datasheet HTML 25Page - Analog Devices ADV7175 Datasheet HTML 26Page - Analog Devices ADV7175 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADV7175/ADV7176
REV. A
–23–
75
Ω
27
26
S VIDEO
31
32
5k
Ω
+5V (VCC)
150
Ω
24
5k
Ω
+5V (VCC)
MPU BUS
44
22
15
17
16
10, 19, 21
29, 36, 43
18
23
34
38–42,
2–9, 12–14
1, 11, 20, 28, 30, 37
0.1µF
0.01µF
0.1µF
+5V (VAA)
0.1µF
+5V (VAA)
10k
Ω
+5V (VAA)
27MHz CLOCK
(SAME CLOCK AS USED BY
MPEG2 DECODER)
POWER SUPPLY DECOUPLING
FOR EACH POWER SUPPLY GROUP
10µF
33µF
GND
L1
(FERRITE BEAD)
+5V (VCC)
25
33
GND
ALSB
HSYNC
FIELD/
VSYNC
BLANK
RESET
CLOCK
RSET
SDATA
SCLOCK
COMPOSITE
BLUE/
COMPOSITE/
U
RED/
CHROMA/
V
GREEN/
LUMA/
Y
VAA
VREF
COMP
P15–P0
+5V (VAA)
75
Ω
75
Ω
75
Ω
35 SCRESET/RTC
ADV7175
ADV7176
“UNUSED
INPUTS
SHOULD BE
GROUNDED”
Figure 41. Recommended Analog Circuit Layout
The circuit below can be used to generate a 13.5 MHz waveform using the 27 MHz clock and the HSYNC pulse. This waveform is
guaranteed to produce the 13.5 MHz clock in synchronization with the 27 MHz clock. This 13.5 MHz clock can be used if
13.5 MHz clock is required by the MPEG decoder. This will guarantee that the Cr and Cb pixel information is input to the
ADV7175/ADV7176 in the correct sequence.
D
Q
CK
D
Q
CK
CLOCK
HSYNC
13.5MHz
Figure 42. Circuit to Generate 13.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com