Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7175
Description  Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175 Datasheet(HTML) 2 Page - Analog Devices

  ADV7175 Datasheet HTML 1Page - Analog Devices ADV7175 Datasheet HTML 2Page - Analog Devices ADV7175 Datasheet HTML 3Page - Analog Devices ADV7175 Datasheet HTML 4Page - Analog Devices ADV7175 Datasheet HTML 5Page - Analog Devices ADV7175 Datasheet HTML 6Page - Analog Devices ADV7175 Datasheet HTML 7Page - Analog Devices ADV7175 Datasheet HTML 8Page - Analog Devices ADV7175 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADV7175/ADV7176–SPECIFICATIONS
REV. A
–2–
Model
ADV7175/ADV7176
Parameter
Conditions
1
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±1
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Floating-State Leakage Current
10
µA
Floating-State Output Capacitance
10
pF
ANALOG OUTPUTS
Output Current3
33
34.7
37
mA
Output Current
4
8mA
Full-Scale DAC Output
182.5
IRE
LSB Size
33.9
µA
DAC-to-DAC Matching
25
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
15
k
Ω
Output Capacitance, COUT
IOUT = 0 mA
30
pF
VOLTAGE REFERENCE
Voltage Reference Range, VREF
IVREFOUT = 20
µA
1.112
1.235
1.359
V
POWER REQUIREMENTS
5
VAA
5V
IDAC
6
140
155
mA
ICCT
7
110
150
mA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.02
0.5
%/%
DYNAMIC PERFORMANCE
8
Luma Bandwidth
9 (Low-Pass Filter)
NTSC Mode
Stopband Cutoff
>50 dB Attenuation
7.5
MHz
Pass Band Cutoff
<0.06 dB Attenuation
2.3
MHz
Chroma Bandwidth
NTSC Mode
Stopband Cutoff
<40 dB Attenuation
3.6
MHz
Pass Band Cutoff
>0.1 dB Attenuation
1.0
MHz
Luma Bandwidth
9 (Low-Pass Filter)
PAL MODE
Stopband Cutoff
>50 dB Attenuation
8.0
MHz
Pass Band Cutoff
<0.06 dB Attenuation
3.4
MHz
Chroma Bandwidth
PAL MODE
Stopband Cutoff
<40 dB Attenuation
4.0
MHz
Pass Band Cutoff
>0.1 dB Attenuation
1.3
MHz
Differential Gain
0.8
%
Differential Phase
0.8
Degree
Differential Gain
Lower Power Mode
7
%
Differential Phase
Lower Power Mode
2
Degree
SNR
RMS
60
dB rms
SNR
Peak Periodic
56
dB p-p
Hue Accuracy
1.0
Degree
Color Saturation Accuracy
1.0
%
NOTES
1
±5% for all versions.
2Temperature range T
MIN to TMAX: 0°C to 70°C.
3Full drive into 37.5
Ω load.
4Minimum drive with buffered/scaled output load.
5Power measurements are taken with Clock Frequency = 27 MHz. Max T
J = 100°C.
6I
DAC is the total current to drive all four DACs. Turning off one DAC reduces IDAC correspondingly.
7I
CCT (Circuit Currrent) is the continuous currrent required to drive the device.
8Guaranteed by characterization.
9These specifications are for the low-pass filter only. For the other internal filters please see Figure 3.
Specifications subject to change without notice.
(VAA = +5 V
1, V
REF = 1.235 V RSET = 150
. All specifications
TMIN to TMAX
2 unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com