Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175A Datasheet (PDF) - Analog Devices

ADV7175A Datasheet PDF - Analog Devices
Part # ADV7175A
Download  ADV7175A Download
File Size   629.56 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder

ADV7175A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7175A Datasheet PDF - Analog Devices

Part # ADV7175A
Download  ADV7175A Click to download

File Size   629.56 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder

ADV7175A Datasheet (HTML) - Analog Devices


ADV7175A Product details

GENERAL DESCRIPTION
The ADV7175A/ADV7176A is an integrated digital video encoder that converts Digital CCIR-601 4:2:2 8 or 16-bit component video data into a standard analog baseband television signal compatible with worldwide standards.

FEATURES
    ITU-R BT601/656 YCrCb to PAL/NTSC Video Encoder
    High Quality 10-Bit Video DACs
    Integral Nonlinearity <1 LSB at 10 Bits
    NTSC-M, PAL-M/N, PAL-B/D/G/H/I
    Single 27 MHz Clock Required (2 Oversampling)
    80 dB Video SNR
    32-Bit Direct Digital Synthesizer for Color Subcarrier
    Multistandard Video Output Support:
        Composite (CVBS)
        Component S-Video (Y/C)
        Component YUV and RGB
        EuroSCART Output (RGB + CVBS/LUMA)
    Video Input Data Port Supports:
        CCIR-656 4:2:2 8-Bit Parallel Input Format
        4:2:2 16-Bit Parallel Input Format
    Full Video Output Drive or Low Signal Drive Capability
        34.7 mA max into 37.5  (Doubly-Terminated 75R)
        5 mA min with External Buffers
    Programmable Simultaneous Composite and S-Video Y/C or RGB (SCART)/YUV Video Outputs
    Programmable Luma Filters (Low-Pass/Notch/Extended)
    Programmable VBI (Vertical Blanking Interval)
    Programmable Subcarrier Frequency and Phase
    Programmable LUMA Delay
    Individual ON/OFF Control of Each DAC
    CCIR and Square Pixel Operation
    Integrated Subcarrier Locking to External Video Source
    Color Signal Control/Burst Signal Control
    Interlaced/Noninterlaced Operation
    Complete On-Chip Video Timing Generator
    Programmable Multimode Master/Slave Operation
    Macrovision Antitaping Rev 7.01 (ADV7175A Only)**
    Closed Captioning Support
    Teletext Insertion Port (PAL-WST)
    Onboard Color Bar Generation
    Onboard Voltage Reference
    2-Wire Serial MPU Interface (I2C Compatible)
    Single Supply 5 V or 3 V Operation
    Small 44-Lead MQFP Thermally Enhanced Package

APPLICATIONS
    MPEG-1 and MPEG-2 Video, DVD, Digital Satellite/Cable Systems (Set Top Boxes/IRDs), Digital TVs, CD Video/Karaoke, Video Games, PC Video/Multimedia




Similar Part No. - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results


Similar Description - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV.A
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV.0
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com