Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175A Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 2 Page - Analog Devices

  ADV7175A Datasheet HTML 1Page - Analog Devices ADV7175A Datasheet HTML 2Page - Analog Devices ADV7175A Datasheet HTML 3Page - Analog Devices ADV7175A Datasheet HTML 4Page - Analog Devices ADV7175A Datasheet HTML 5Page - Analog Devices ADV7175A Datasheet HTML 6Page - Analog Devices ADV7175A Datasheet HTML 7Page - Analog Devices ADV7175A Datasheet HTML 8Page - Analog Devices ADV7175A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
–2–
REV. B
ADV7175A/ADV7176A–SPECIFICATIONS
(VAA = +5 V
5%1, VREF = 1.235 V RSET = 150
. All specifications TMIN to TMAX
2 unless otherwise noted)
Parameter
Conditions1
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
3
VIN = 0.4 V or 2.4 V
±1
µA
Input Current, IIN
4
VIN = 0.4 V or 2.4 V
±50
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS
Output Current
5
33
34.7
37
mA
Output Current6
5mA
DAC-to-DAC Matching
0.6
5
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
15
k
Ω
Output Capacitance, COUT
IOUT = 0 mA
30
pF
VOLTAGE REFERENCE
Reference Range, VREF
IVREFOUT = 20
µA
1.112
1.235
1.359
V
POWER REQUIREMENTS
7
VAA
4.75
5.0
5.25
V
Normal Power Mode
IDAC (max)
8
150
155
mA
IDAC (min)
8
20
mA
ICCT
9
100
150
mA
Low Power Mode
IDAC (max)
8
80
mA
IDAC (min)
8
15
mA
ICCT
9
100
150
mA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0°C to 70°C.
3All digital input pins except pins
RESET and RTC/SCRESET.
4Excluding all digital input pins except pins
RESET and RTC/SCRESET.
5Full drive into 37.5
Ω load.
6Minimum drive current (used with buffered/scaled output load).
7Power measurements are taken with Clock Frequency = 27 MHz. Max T
J = 110°C.
8I
DAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 37 mA output per DAC) to drive all four DACs. Turning off individual
DACs reduces IDAC correspondingly.
9I
CCT (Circuit Current) is the continuous current required to drive the device.
Specifications subject to change without notice.
5 V SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com