Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175A Datasheet(PDF) 38 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 34Page - Analog Devices ADV7175A Datasheet HTML 35Page - Analog Devices ADV7175A Datasheet HTML 36Page - Analog Devices ADV7175A Datasheet HTML 37Page - Analog Devices ADV7175A Datasheet HTML 38Page - Analog Devices ADV7175A Datasheet HTML 39Page - Analog Devices ADV7175A Datasheet HTML 40Page - Analog Devices ADV7175A Datasheet HTML 41Page - Analog Devices ADV7175A Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADV7175A/ADV7176A
–38–
REV. B
For external buffering of the ADV7175A/ADV7176A DAC outputs, the configuration in Figure 71 is recommended. This configu-
ration shows the DAC outputs running at half (18 mA) their full current (36 mA) capability. This will allow the ADV7175A/ADV7176A
to dissipate less power, the analog current is reduced by 50% with a RSET of 300
Ω and a R
LOAD of 75
Ω. This mode is recommended for
3.3 volt operation as optimum performance is obtained from the DAC outputs at 18 mA with a VAA of 3.3 volts. This buffer also
adds extra isolation on the video outputs, see buffer circuit in Figure 72. When calculating absolute output full current and voltage,
use the following equation:
VOUT
= I
OUT
× R
LOAD
IOUT
=
VREF
× K
()
RSET
K
= 4.2146 constant ,V
REF
= 1.235 V
ADV7175A/ADV7176A
VREF
DIGITAL
CORE
PIXEL
PORT
300
RSET
75
75
75
75
VAA
OUTPUT
BUFFER
DAC A
OUTPUT
BUFFER
OUTPUT
BUFFER
OUTPUT
BUFFER
DAC C
DAC D
DAC B
Figure 71. Output DAC Buffering Configuration
2N2907
75
75
OUTPUT TO
TV/MONITOR
36
INPUT
VCC
Figure 72. Recommended Output DAC Buffer
APPENDIX 7
OPTIONAL DAC BUFFERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com