Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175A Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 42Page - Analog Devices ADV7175A Datasheet HTML 43Page - Analog Devices ADV7175A Datasheet HTML 44Page - Analog Devices ADV7175A Datasheet HTML 45Page - Analog Devices ADV7175A Datasheet HTML 46Page - Analog Devices ADV7175A Datasheet HTML 47Page - Analog Devices ADV7175A Datasheet HTML 48Page - Analog Devices ADV7175A Datasheet HTML 49Page - Analog Devices ADV7175A Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
ADV7175A/ADV7176A
–46–
REV. B
PARADE SMPTE/EBU PAL
mV
Y(A)
mV
Pb(B)
mV
Pr(C)
700
600
500
400
300
200
100
0
100
200
300
250
200
150
100
50
–50
–100
–150
–200
–250
0
250
200
150
100
50
–50
–100
–150
–200
–250
0
Figure 87. PAL YUV Parade Plot
LIGHTNING
COLORBARS: 75% SMPTE/EBU (50Hz)
AVERAGE 15 --> 32
L183
Pk-WHITE (100%) 700.0mV SETUP 0.0% COLOR Pk-Pk 525.0mV
VM700A DEV 3 WC TEMP = 90 C VDD = 5.25V
CHANNEL C SYSTEM DEFAULT
10-APR-97
09:23:07
YI
–274.82
0.93%
G
–173.24
0.19%
R
–88.36
0.19%
CY
88.31
0.28%
M
174.35
–0.65%
B
260.51
–0.14%
YI
462.80
–0.50%
G
307.54
–0.21%
R
156.63
–0.22%
B-Y
W
YI
G
R
B
G
CY
R-Y
W
YI
M
R
CY
–262.17
–0.13%
G
–218.70
–0.51%
B
–42.54
0.69%
YI
41.32
–0.76%
M
212.28
–3.43%
R
252.74
–3.72%
CY
864.78
–0.88%
M
216.12
–0.33%
B
61.00
1.92%
CY
M
B
COLOR Pk-Pk: B-Y 532.33mV
1.40%
R-Y 514.90mV –1.92%
Pk-WHITE: 700.4mV (100%) SETUP –0.01%
DELAY: B-Y –6ns R-Y –6ns
Figure 88. PAL YUV Lighting Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com