Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7175A Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 9Page - Analog Devices ADV7175A Datasheet HTML 10Page - Analog Devices ADV7175A Datasheet HTML 11Page - Analog Devices ADV7175A Datasheet HTML 12Page - Analog Devices ADV7175A Datasheet HTML 13Page - Analog Devices ADV7175A Datasheet HTML 14Page - Analog Devices ADV7175A Datasheet HTML 15Page - Analog Devices ADV7175A Datasheet HTML 16Page - Analog Devices ADV7175A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
ADV7175A/ADV7176A
–13–
REV. B
COLOR BAR GENERATION
The ADV7175A/ADV7176A can be configured to generate
75% amplitude, 75% saturation (75/7.5/75/7.5) for NTSC or
75% amplitude, 100% saturation (100/0/75/0) for PAL color
bars. These are enabled by setting MR17 of Mode Register 1 to
Logic “1.”
SQUARE PIXEL MODE
The ADV7175A/ADV7176A can be used to operate in square
pixel mode. For NTSC operation an input clock of 24.5454
MHz is required. Alternatively an input clock of 29.5 MHz is
required for PAL operation. The internal timing logic adjusts
accordingly for square pixel mode operation.
COLOR SIGNAL CONTROL
The color information can be switched on and off the video
output using Bit MR24 of Mode Register 2.
BURST SIGNAL CONTROL
The burst information can be switched on and off the video
output using Bit MR25 of Mode Register 2.
NTSC PEDESTAL CONTROL
The pedestal on both odd and even fields can be controlled on a
line by line basis using the NTSC Pedestal Control Registers.
This allows the pedestals to be controlled during the vertical
blanking interval (Lines 10 to 25 and Lines 273 to 288).
PIXEL TIMING DESCRIPTION
The ADV7175A/ADV7176A can operate in either 8-bit or
16-bit YCrCb Mode.
8-Bit YCrCb Mode
This default mode accepts multiplexed YCrCb inputs through
the P7-P0 pixel inputs. The inputs follow the sequence Cb0, Y0
Cr0, Y1 Cb1, Y2, etc. The Y, Cb and Cr data are input on a
rising clock edge.
16-Bit YCrCb Mode
This mode accepts Y inputs through the P7–P0 pixel inputs and
multiplexed CrCb inputs through the P15–P8 pixel inputs. The
data is loaded on every second rising edge of CLOCK. The inputs
follow the sequence Cb0, Y0 Cr0, Y1 Cb1, Y2, etc.
SUBCARRIER RESET
Together with the SCRESET/RTC PIN and Bits MR22 and
MR21 of Mode Register 2, the ADV7175A/ADV7176A can be
used in subcarrier reset mode. The subcarrier will reset to
Field 0 at the start of the following field when a low to high
transition occurs on this input pin.
REAL TIME CONTROL
Together with the SCRESET/RTC PIN and Bits MR22 and
MR21 of Mode Register 2, the ADV7175A/ADV7176A can be
used to lock to an external video source. The real time control
mode allows the ADV7175A/ADV7176A to automatically alter
the subcarrier frequency to compensate for line length variation.
When the part is connected to a device that outputs a digital
datastream in the RTC format (such as an ADV7185 video
decoder [see Figure 13]), the part will automatically change to
the compensated subcarrier frequency on a line by line basis.
This digital datastream is 67 bits wide and the subcarrier is
contained in Bits 0 to 21. Each bit is two clock cycles long.
00HEX should be written to all four subcarrier frequency regis-
ters when using this mode.
VIDEO TIMING DESCRIPTION
The ADV7175A/ADV7176A is intended to interface to off-
the-shelf MPEG1 and MPEG2 Decoders. Consequently, the
ADV7175A/ADV7176A accepts 4:2:2 YCrCb Pixel Data via a
CCIR-656 pixel port and has several video timing modes of
operation that allow it to be configured as either system master
video timing generator or a slave to the system video timing
generator. The ADV7175A/ADV7176A generates all of the
required horizontal and vertical timing periods and levels for the
analog video outputs.
The ADV7175A/ADV7176A calculates the width and place-
ment of analog sync pulses, blanking levels and color burst
envelopes. Color bursts are disabled on appropriate lines, and
serration and equalization pulses are inserted where required.
In addition the ADV7175A/ADV7176A supports a PAL or
NTSC square pixel operation in slave mode. The part requires
an input pixel clock of 24.5454 MHz for NTSC and an input
pixel clock of 29.5 MHz for PAL. The internal horizontal line
counters place the various video waveform sections in the cor-
rect location for the new clock frequencies.
The ADV7175A/ADV7176A has four distinct master and four
distinct slave timing configurations. Timing Control is estab-
lished with the bidirectional
SYNC, BLANK and FIELD/
VSYNC pins. Timing Mode Register 1 can also be used to vary
the timing pulsewidths and where they occur in relation to each
other.
FREQUENCY – MHz
0
–60
–50
–40
–10
–20
–30
02
4
6
8
12
10
Figure 12. PAL UV Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com