Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6040 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6040 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6040
Download  PE6040 Download
File Size   87.6 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz

PE6040 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6040 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6040
Download  PE6040 Click to download

File Size   87.6 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz

PE6040 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6044 PASTERNACK-PE6044 Datasheet
77Kb / 1P
PASTERNACK ENTERPRISES
PE6045 PASTERNACK-PE6045 Datasheet
77Kb / 1P
SMB JACK RESISTOR TERMINATION
More results


Similar Description - PE6040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6036 PASTERNACK-PE6036 Datasheet
140Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6038 PASTERNACK-PE6038 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6071 PASTERNACK-PE6071 Datasheet
109Kb / 1P
SMA MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6074 PASTERNACK-PE6074 Datasheet
114Kb / 1P
SMA FEMALE PRECISION TERMINATION WITH CHAIN FREQUENCY RANGE: DC TO 18 GHz
PE6079 PASTERNACK-PE6079 Datasheet
112Kb / 1P
SMA FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 26.5 GHz
PE6095 PASTERNACK-PE6095 Datasheet
117Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHZ
PE6141 PASTERNACK-PE6141 Datasheet
86Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PE2068 PASTERNACK-PE2068 Datasheet
108Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com