Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6045 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6045 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6045
Download  PE6045 Download
File Size   77.62 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB JACK RESISTOR TERMINATION

PE6045 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6045 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6045
Download  PE6045 Click to download

File Size   77.62 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB JACK RESISTOR TERMINATION

PE6045 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6044 PASTERNACK-PE6044 Datasheet
77Kb / 1P
PASTERNACK ENTERPRISES
More results


Similar Description - PE6045

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROSE-50 MINI-ROSE-50 Datasheet
55Kb / 1P
SMB Termination
ROSE-50+ MINI-ROSE-50+ Datasheet
109Kb / 1P
SMB Termination
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
SMB Jack to SMB Jack Bulkhead Adapter
PE6050 PASTERNACK-PE6050 Datasheet
77Kb / 1P
SMC JACK RESISTOR TERMINATION
PE6056 PASTERNACK-PE6056 Datasheet
78Kb / 1P
75 OHM SMC JACK RESISTOR TERMINATION
logo
Rosenberger Hochfrequen...
59K15R-001E3 ROSENBERGER-59K15R-001E3 Datasheet
131Kb / 2P
SMB TERMINATION JACK
59S15R-001E3 ROSENBERGER-59S15R-001E3 Datasheet
135Kb / 2P
SMB TERMINATION PLUG
logo
Pasternack Enterprises,...
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
PE6159 PASTERNACK-PE6159 Datasheet
79Kb / 1P
MINI 75OHM SMB PLUG RESISTOR TERMINATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com