Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6043 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6043 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6043
Download  PE6043 Download
File Size   264.81 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz

PE6043 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6043 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6043
Download  PE6043 Click to download

File Size   264.81 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz

PE6043 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6043

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6044 PASTERNACK-PE6044 Datasheet
77Kb / 1P
PASTERNACK ENTERPRISES
PE6045 PASTERNACK-PE6045 Datasheet
77Kb / 1P
SMB JACK RESISTOR TERMINATION
More results


Similar Description - PE6043

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6180 PASTERNACK-PE6180 Datasheet
353Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PE6103 PASTERNACK-PE6103 Datasheet
206Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink SMA Female RF Load Up To 18 GHz
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6101 PASTERNACK-PE6101_13 Datasheet
216Kb / 2P
50 Ohm 10 Watts Aluminum Heatsink BNC Female RF Load Up To 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com