Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6148 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6148 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6148
Download  PE6148 Download
File Size   111.34 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA MALE TERMINATION FREQUENCY RANGE:DC TO 1GHz

PE6148 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6148 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6148
Download  PE6148 Click to download

File Size   111.34 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA MALE TERMINATION FREQUENCY RANGE:DC TO 1GHz

PE6148 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PE6140 PASTERNACK-PE6140 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6140 PASTERNACK-PE6140_17 Datasheet
359Kb / 3P
10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6141 PASTERNACK-PE6141 Datasheet
86Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7 GHz
PE6142-50 PASTERNACK-PE6142-50 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1GHz
More results


Similar Description - PE6148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6071 PASTERNACK-PE6071 Datasheet
109Kb / 1P
SMA MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6104 PASTERNACK-PE6104 Datasheet
204Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz
PE6138 PASTERNACK-PE6138 Datasheet
85Kb / 1P
TNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz
PE6142-50 PASTERNACK-PE6142-50 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1GHz
PE6149 PASTERNACK-PE6149 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE: DC TO 2,5GHz
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PE7133 PASTERNACK-PE7133 Datasheet
241Kb / 1P
SMA FEMALE, TRANSFER SWITCH FREQUENCY RANGE: 1GHz TO 2GHz
PE7134 PASTERNACK-PE7134 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE 1GHz to 18GHz
PE2067 PASTERNACK-PE2067 Datasheet
99Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER FREQUENCY RANGE:DC TO 12,4 GHz
logo
Mini-Circuits
TERM-50W-183S MINI-TERM-50W-183S Datasheet
246Kb / 2P
Termination SMA-Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com