Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6138 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6138 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6138
Download  PE6138 Download
File Size   85.4 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description TNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz

PE6138 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6138 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6138
Download  PE6138 Click to download

File Size   85.4 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description TNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz

PE6138 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6138

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6138 PASTERNACK-PE6138 Datasheet
426Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6138 PASTERNACK-PE6138_16 Datasheet
426Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
More results


Similar Description - PE6138

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6036 PASTERNACK-PE6036 Datasheet
140Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6095 PASTERNACK-PE6095 Datasheet
117Kb / 1P
SMA MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18 GHZ
PE6104 PASTERNACK-PE6104 Datasheet
204Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz
PE6148 PASTERNACK-PE6148 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE:DC TO 1GHz
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
PE2067 PASTERNACK-PE2067 Datasheet
99Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER FREQUENCY RANGE:DC TO 12,4 GHz
PE8219 PASTERNACK-PE8219 Datasheet
89Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE : 10MHz TO 18 GHz
PE8252 PASTERNACK-PE8252 Datasheet
116Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com