Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2067 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2067 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2067
Download  PE2067 Download
File Size   99.5 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER FREQUENCY RANGE:DC TO 12,4 GHz

PE2067 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2067 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2067
Download  PE2067 Click to download

File Size   99.5 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER FREQUENCY RANGE:DC TO 12,4 GHz

PE2067 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2061 PASTERNACK-PE2061 Datasheet
210Kb / 2P
75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2062 PASTERNACK-PE2062 Datasheet
106Kb / 1P
75 OHM BNC FEMALE POWER DIVIDER FREQUENCY RANGE:10-1000 MHz 2 OUTPUT PORTS
PE2063 PASTERNACK-PE2063 Datasheet
110Kb / 1P
2.9mm FEMAL-MALE-MALE RESISTIVE POWER DIVIDER FREQUENCY RANGE: DC TO 12,4 GHz
PE2064 PASTERNACK-PE2064 Datasheet
110Kb / 1P
2.9MM FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
More results


Similar Description - PE2067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9809 PASTERNACK-PE9809 Datasheet
101Kb / 1P
WAVEGUIDE TO SMA MALE FREQUENCY RANGE:12,4~18,0 GHz
PE6138 PASTERNACK-PE6138 Datasheet
85Kb / 1P
TNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE:DC TO 18 GHz
PE6148 PASTERNACK-PE6148 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE:DC TO 1GHz
PE2027 PASTERNACK-PE2027 Datasheet
102Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 8*18 GHz
PE2063 PASTERNACK-PE2063 Datasheet
110Kb / 1P
2.9mm FEMAL-MALE-MALE RESISTIVE POWER DIVIDER FREQUENCY RANGE: DC TO 12,4 GHz
PE2064 PASTERNACK-PE2064 Datasheet
110Kb / 1P
2.9MM FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
PE2066 PASTERNACK-PE2066 Datasheet
138Kb / 1P
N FEMALE E-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2068 PASTERNACK-PE2068 Datasheet
108Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2069 PASTERNACK-PE2069 Datasheet
108Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 6GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com