Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35GS Datasheet (PDF) - Analog Devices

TMP35GS Datasheet PDF - Analog Devices
Part # TMP35GS
Download  TMP35GS Download
File Size   476.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Temperature Sensors

TMP35GS Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP35GS Datasheet PDF - Analog Devices

Part # TMP35GS
Download  TMP35GS Click to download

File Size   476.11 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Temperature Sensors

TMP35GS Datasheet (HTML) - Analog Devices


TMP35GS Product details

GENERAL DESCRIPTION
The TMP35/TMP36/TMP37 are low voltage, precision centigrade temperature sensors. They provide a voltage output that is linearly proportional to the Celsius (centigrade) temperature. The TMP35/ TMP36/TMP37 do not require any external calibration to provide typical accuracies of ±1°C at +25°C and ±2°C over the −40°C to +125°C temperature range.

FEATURES
   Low voltage operation (2.7 V to 5.5 V)
   Calibrated directly in °C
   10 mV/°C scale factor (20 mV/°C on TMP37)
   ±2°C accuracy over temperature (typ)
   ±0.5°C linearity (typ)
   Stable with large capacitive loads
   Specified −40°C to +125°C, operation to +150°C
   Less than 50 μA quiescent current
   Shutdown current 0.5 μA max
   Low self-heating
   Qualified for automotive applications

APPLICATIONS
   Environmental control systems
   Thermal protection
   Industrial process control
   Fire alarms
   Power system monitors
   CPU thermal management




Similar Part No. - TMP35GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP35GS AD-TMP35GS Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
More results


Similar Description - TMP35GS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
LOW VOLTAGE HUMIDITY SENSORS
logo
Analog Devices
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Analog Devices
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com