Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35GS Datasheet(PDF) 1 Page - Analog Devices

Part # TMP35GS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35GS Datasheet(HTML) 1 Page - Analog Devices

  TMP35GS Datasheet HTML 1Page - Analog Devices TMP35GS Datasheet HTML 2Page - Analog Devices TMP35GS Datasheet HTML 3Page - Analog Devices TMP35GS Datasheet HTML 4Page - Analog Devices TMP35GS Datasheet HTML 5Page - Analog Devices TMP35GS Datasheet HTML 6Page - Analog Devices TMP35GS Datasheet HTML 7Page - Analog Devices TMP35GS Datasheet HTML 8Page - Analog Devices TMP35GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
TMP35/TMP36/TMP37
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Voltage Temperature Sensors
FUNCTIONAL BLOCK DIAGRAM
+Vs (2.7V to 5.5V)
VOUT
SHUTDOWN
TMP35/
TMP36/
TMP37
PACKAGE TYPES AVAILABLE
RT-5 (SOT-23)
1
2
3
5
4
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VOUT
SHUTDOWN
GND
NC
+VS
RN-8 (SOIC)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VOUT
SHUTDOWN
NC
NC
+VS
NC
NC
GND
TO-92
1
3
2
BOTTOM VIEW
(Not to Scale)
PIN 1, +Vs; PIN 2, VOUT; PIN 3, GND
FEATURES
Low Voltage Operation (2.7 V to 5.5 V)
Calibrated Directly in C
10 mV/ C Scale Factor (20 mV/ C on TMP37)
2 C Accuracy over Temperature (Typ)
0.5 C Linearity (Typ)
Stable with Large Capacitive Loads
Specified –40 C to +125 C, Operation to +150 C
Less than 50
A Quiescent Current
Shutdown Current 0.5
A Max
Low Self-Heating
APPLICATIONS
Environmental Control Systems
Thermal Protection
Industrial Process Control
Fire Alarms
Power System Monitors
CPU Thermal Management
PRODUCT DESCRIPTION
The TMP35, TMP36, and TMP37 are low voltage, precision
centigrade temperature sensors. They provide a voltage output
that is linearly proportional to the Celsius (Centigrade) tem-
perature. The TMP35/TMP36/TMP37 do not require any
external calibration to provide typical accuracies of
±1°C at
+25
°C and ±2°C over the –40°C to +125°C temperature range.
The low output impedance of the TMP35/TMP36/TMP37 and
its linear output and precise calibration simplify interfacing to
temperature control circuitry and A/D converters. All three
devices are intended for single-supply operation from 2.7 V to
5.5 V maximum. Supply current runs well below 50
µA, providing
very low self-heating—less than 0.1
°C in still air. In addition, a
shutdown function is provided to cut supply current to less
than 0.5
µA.
The TMP35 is functionally compatible with the LM35/LM45 and
provides a 250 mV output at 25
°C. The TMP35 reads temperatures
from 10
°C to 125°C. The TMP36 is specified from –40°C to
+125
°C, provides a 750 mV output at 25°C, and operates to
+125
°C from a single 2.7 V supply. The TMP36 is functionally
compatible with the LM50. Both the TMP35 and TMP36 have
an output scale factor of 10 mV/
°C. The TMP37 is intended for
applications over the range 5
°C to 100°C and provides an output
scale factor of 20 mV/
°C. The TMP37 provides a 500 mV output
at 25
°C. Operation extends to 150°C with reduced accuracy for all
devices when operating from a 5 V supply.
The TMP35/TMP36/TMP37 are all available in low cost 3-lead
TO-92, SOIC-8, and 5-lead SOT-23 surface-mount packages.


Similar Part No. - TMP35GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP35GS AD-TMP35GS Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
More results

Similar Description - TMP35GS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
LOW VOLTAGE HUMIDITY SENSORS
logo
Analog Devices
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Analog Devices
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com