Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35GS Datasheet(PDF) 14 Page - Analog Devices

Part # TMP35GS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35GS Datasheet(HTML) 14 Page - Analog Devices

Back Button TMP35GS Datasheet HTML 8Page - Analog Devices TMP35GS Datasheet HTML 9Page - Analog Devices TMP35GS Datasheet HTML 10Page - Analog Devices TMP35GS Datasheet HTML 11Page - Analog Devices TMP35GS Datasheet HTML 12Page - Analog Devices TMP35GS Datasheet HTML 13Page - Analog Devices TMP35GS Datasheet HTML 14Page - Analog Devices TMP35GS Datasheet HTML 15Page - Analog Devices TMP35GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–14–
3-Pin Plastic Header-Style Package [TO-92]
(TO-92)
Dimensions shown in inches and (millimeters)
0.115 (2.92)
0.080 (2.03)
0.115 (2.92)
0.080 (2.03)
0.165 (4.19)
0.125 (3.18)
SQ
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.40)
0.045 (1.15)
SEATING
PLANE
0.500
(12.70)
MIN
0.205 (5.21)
0.175 (4.45)
0.210 (5.33)
0.170 (4.32)
123
BOTTOM VIEW
0.135
(3.43)
MIN
0.050
(1.27)
MAX
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS TO-226AA
8-Lead Standard Small Outline Package [SOIC]
Narrow Body
(RN-8)
Dimensions shown in millimeters and (inches)
0.25 (0.0098)
0.19 (0.0075)
1.27 (0.0500)
0.41 (0.0160)
0.50 (0.0196)
0.25 (0.0099)
45
8
0
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
85
4
1
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.33 (0.0130)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
5-Lead Plastic Surface-Mount Package [SOT-23]
(RT-5)
Dimensions shown in millimeters
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
1
3
4
5
2
0.22
0.08
0.60
0.45
0.30
10
0
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
COMPLIANT TO JEDEC STANDARDS MO-178AA
2.90 BSC
OUTLINE DIMENSIONS
Revision History
Location
Page
10/02—Data Sheet changed from REV. B to REV. C.
Deleted text from Commentary on Long-Term Stability section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Update OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com