Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35GS Datasheet(PDF) 3 Page - Analog Devices

Part # TMP35GS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35GS Datasheet(HTML) 3 Page - Analog Devices

  TMP35GS Datasheet HTML 1Page - Analog Devices TMP35GS Datasheet HTML 2Page - Analog Devices TMP35GS Datasheet HTML 3Page - Analog Devices TMP35GS Datasheet HTML 4Page - Analog Devices TMP35GS Datasheet HTML 5Page - Analog Devices TMP35GS Datasheet HTML 6Page - Analog Devices TMP35GS Datasheet HTML 7Page - Analog Devices TMP35GS Datasheet HTML 8Page - Analog Devices TMP35GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–3–
ABSOLUTE MAXIMUM RATINGS
1, 2, 3
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Shutdown Pin . . . . . . . . . . . . . . GND
≤ SHUTDOWN
≤ +VS
Output Pin . . . . . . . . . . . . . . . . . . . . . . GND
VOUT
+VS
Operating Temperature Range . . . . . . . . . . –55
°C to +150°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 175
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation at or
above this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
2Digital inputs are protected; however, permanent damage may occur on unpro-
tected units from high energy electrostatic fields. Keep units in conductive foam
or packaging at all times until ready to use. Use proper antistatic handling
procedures.
3Remove power before inserting or removing units from their sockets.
Package Type
JA
JC
Unit
TO-92 (T9 Suffix)
162
120
°C/W
SOIC-8 (S Suffix)
158
43
°C/W
SOT-23 (RT Suffix)
300
180
°C/W
θ
JA is specified for device in socket (worst-case conditions).
ORDERING GUIDE
Accuracy
Linear
at 25 C
Operating
Package
Model
( C max)
Temperature Range
Options1
TMP35FT9
±2.0
10
°C to 125°C
TO-92
TMP35GT9
±3.0
10
°C to 125°C
TO-92
TMP35FS
±2.0
10
°C to 125°C
RN-8
TMP35GS
±3.0
10
°C to 125°C
RN-8
TMP35GRT
2
±3.0
10
°C to 125°C
RT-5
TMP36FT9
±2.0
–40
°C to +125°C
TO-92
TMP36GT9
±3.0
–40
°C to +125°C
TO-92
TMP36FS
±2.0
–40
°C to +125°C
RN-8
TMP36GS
±3.0
–40
°C to +125°C
RN-8
TMP36GRT
2
±3.0
–40
°C to +125°C
RT-5
TMP37FT9
±2.0
5
°C to 100°C
TO-92
TMP37GT9
±3.0
5
°C to 100°C
TO-92
TMP37FS
±2.0
5
°C to 100°C
RN-8
TMP37GS
±3.0
5
°C to 100°C
RN-8
TMP37GRT
2
±3.0
5
°C to 100°C
RT-5
NOTES
1SOIC = Small Outline Integrated Circuit; RT = Plastic Surface Mount;
TO = Plastic.
2Consult factory for availability.
FUNCTIONAL DESCRIPTION
An equivalent circuit for the TMP3x family of micropower,
centigrade temperature sensors is shown in Figure 2. At the
heart of the temperature sensor is a band gap core, which is
comprised of transistors Q1 and Q2, biased by Q3 to approxi-
mately 8
µA. The band gap core operates both Q1 and Q2 at the
same collector current level; however, since the emitter area of
Q1 is 10 times that of Q2, Q1’s VBE and Q2’s VBE are not equal
by the following relationship:
∆V
BE
=V
T
× ln
AE,Q1
AE,Q2


SHDN
+VOUT
+VS
3X
25 A
2X
Q2
1X
R1
R2
R3
7.5 A
Q3
2X
GND
Q4
Q1
10X
6X
Figure 2. Temperature Sensor Simplified
Equivalent Circuit
Resistors R1 and R2 are used to scale this result to produce the
output voltage transfer characteristic of each temperature sensor
and, simultaneously, R2 and R3 are used to scale Q1’s VBE as
an offset term in VOUT. Table I summarizes the differences
between the three temperature sensors’ output characteristics.
Table I. TMP3x Output Characteristics
Offset
Output Voltage
Output Voltage
Sensor
Voltage (V)
Scaling (mV/ C)
@ 25 C (mV)
TMP35
0
10
250
TMP36
0.5
10
750
TMP37
0
20
500
The output voltage of the temperature sensor is available at the
emitter of Q4, which buffers the band gap core and provides
load current drive. Q4’s current gain, working with the available
base current drive from the previous stage, sets the short-circuit
current limit of these devices to 250
µA.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the TMP35/TMP36/TMP37 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com