Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2026 Datasheet (PDF) - Advanced Monolithic Systems

AMS2026 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2026
Download  AMS2026 Download
File Size   51.08 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description DUAL POWER DISTRIBUTION SWITCH

AMS2026 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2026 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2026
Download  AMS2026 Click to download

File Size   51.08 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description DUAL POWER DISTRIBUTION SWITCH

AMS2026 Datasheet (HTML) - Advanced Monolithic Systems


AMS2026 Product details

PRODUCT DESCRIPTION

The AMS2026 is a dual power distribution switch intended for applications where heavy capacitive loads and short-circuits are likely to be encountered. The high-side switch is a 110mW N-channel MOSFET. The switch is controlled by a logic enable input compatible with 3V and 5V logic and is available in active-high or active-low enable. The internal charge pump, designed to control the power switch rise and fall time to minimize current surges during switching, also provides the gate drive. Requiring no external components the charge pump allows operation from supplies as low as 3.3V.



FEATURES

· 110mW Typ. (5V Input) High Side MOSFET Switch

· Short Circuit Protection

· Overcurrent Protection

· Thermal Protection

· Enable Input Compatible With 3V and 5V Logic

· Controlled Rise and Fall Times Limit Current Surges and Minimize EMI

· Undervoltage Lock-Out Guarantees the Switch is Off At Start-up

· 100mA Maximum On-State Supply Current

· Available Active-High or Active-Low Enable

· Available in Space Saving 8 lead SOIC and 8 lead PDIP



APPLICATIONS

· USB Power Management

· Hot Plug-In Power Supplies

· Battery-Charger Circuits




Similar Part No. - AMS2026

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
AMS2026P ADMOS-AMS2026P Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
AMS2026S ADMOS-AMS2026S Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
AMS2026 ADMOS-AMS2026_05 Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
More results


Similar Description - AMS2026

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026_05 Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G556 GMT-G556 Datasheet
73Kb / 1P
Dual Power Distribution Switch
G554 GMT-G554 Datasheet
42Kb / 1P
Dual Power Distribution Switch
G546 GMT-G546 Datasheet
81Kb / 1P
Dual Power Distribution Switch
G526 GMT-G526 Datasheet
74Kb / 1P
Dual Power Distribution Switch
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com