Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9308 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9308 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9308
Download  PE9308 Download
File Size   251.11 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Male to N Male Adapter

PE9308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9308 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9308
Download  PE9308 Click to download

File Size   251.11 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Male to N Male Adapter

PE9308 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9308 Product details

Description
Pasternack’s PE9308 75 ohm type N male to type N male adapter is part of our full line of RF components available for sameday shipping. PE9308 type N male to type N male adapter operates to 1.5 GHz.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.

Configuration
• N Male Connector 1
• N Male Connector 2
• 75 Ohms
• Straight Body Geometry

Features
• Typical VSWR of 1.3:1 up to 1.5 GHz • Gold Plated Brass Contact

Applications
• General Purpose Test
.




Similar Part No. - PE9308

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE9308-EK PEREGRINE-PE9308-EK Datasheet
174Kb / 7P
13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
More results


Similar Description - PE9308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
75 Ohm N Male to SMC Jack Adapter
PE9626 PASTERNACK-PE9626 Datasheet
246Kb / 3P
75 Ohm N Male to TNC Male Adapter
PE9738 PASTERNACK-PE9738 Datasheet
247Kb / 3P
Precision 75 Ohm N Male to F Male Adapter
PE3CA1032 PASTERNACK-PE3CA1032 Datasheet
355Kb / 4P
75 Ohm N Male to 75 Ohm N Male Cable Using
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com