Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4415 Datasheet (PDF) - Micrel Semiconductor

MIC4415 Datasheet PDF - Micrel Semiconductor
Part # MIC4415
Download  MIC4415 Download
File Size   426.69 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A, 4.5V to 18V Low-Side MOSFET Driver

MIC4415 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4415 Datasheet PDF - Micrel Semiconductor

Part # MIC4415
Download  MIC4415 Click to download

File Size   426.69 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A, 4.5V to 18V Low-Side MOSFET Driver

MIC4415 Datasheet (HTML) - Micrel Semiconductor


MIC4415 Product details

General Description  

The MIC4414 and MIC4415 are low-side MOSFET drivers designed to switch an N-channel enhancement type

MOSFET in low-side switch applications. The MIC4414 is a non-inverting driver and the MIC4415 is an inverting driver. These drivers feature short delays and high peak current to produce precise edges and rapid rise and fall times.



Features

Ultra-small 4-pin 1.2mm x 1.2mm thin QFN pack

+4.5V to +18V operating supply voltage range

1.5A peak current

– 3.5Ωoutput resistance at 18V

– 9Ωoutput resistance at 5V

Low steady-state supply current

–  77µA control input low

–  445µA control input high

12ns rise and fall times into 1000pF load

MIC4414 (non-inverting)

MIC4415 (inverting)

-40°C to +125°C junction temperature range



Applications

Switch mode power supplies

Solenoid drivers

Motor driver




Similar Part No. - MIC4415

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416 Datasheet
122Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
More results


Similar Description - MIC4415

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4223 MICREL-MIC4223 Datasheet
515Kb / 20P
Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
MIC GROUP RECTIFIERS
MIC4223 MIC-MIC4223_11 Datasheet
515Kb / 20P
Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
Texas Instruments
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
logo
Rohm
BD9C301FJ ROHM-BD9C301FJ Datasheet
978Kb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
4.5V to 18V Input, 3.0A Integrated MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com