Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1898 Datasheet (PDF) - Diodes Incorporated

AH1898 Datasheet PDF - Diodes Incorporated
Part # AH1898
Download  AH1898 Download
File Size   517.11 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Omnipolar Operation

AH1898 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1898 Datasheet PDF - Diodes Incorporated

Part # AH1898
Download  AH1898 Click to download

File Size   517.11 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Omnipolar Operation

AH1898 Datasheet (HTML) - Diodes Incorporated


AH1898 Product details

Description
The AH1898 is a micropower magnetic range selectable (Bop/Brp) Omnipolar Hall effect switch IC with internal pull up and pull down capability, designed for portable and battery powered consumer equipment such as cellular phones and portable PCs. To support battery powered equipment and low voltage microcontrollers, the AH1898 can operate over the supply range of 1.6V to 3.6V and uses a hibernating clocking system to minimize the power consumption. The average supply current is only 4.3µA typical at 1.80V. The AH1898 has an 8kV ESD rating on the supply and output pins. To minimize PCB space the AH1898 is packaged in the small CSP package (0.81mm x 0.81mm typical).

Features
 • Omnipolar Operation (North or South pole)
 • Programmable Operate and Release Points
 • Supply Voltage of 1.6V to 3.6V
 • Micropower Operation
 • Chopper Stabilized Design Provides
    ◾ Superior Temperature Stability
    ◾ Minimal Switch Point Drift
    ◾ Enhanced Immunity to Physical Stress
 • No External Pull-up Resistors Required
 • Good RF Noise Immunity
 • -40°C to +85°C Operating Temperature
 • 8kV Human Body Model ESD Capability
 • Miniature U-WLB0808-4 (CSP 0.81mm x 0.81mm typical)
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Open and Close Detect for Cellular Phones
 • Holster or Cover Detect for Cellular Phones and Tablet PCs
 • Cover or Display Switch in Portable PCs
 • Digital Still, Video Cameras and Handheld Gaming Consoles
 • Proximity and Position Switches




Similar Part No. - AH1898

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1892-CD4-7 DIODES-AH1892-CD4-7 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1892-Z-7 DIODES-AH1892-Z-7 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
More results


Similar Description - AH1898

ManufacturerPart #DatasheetDescription
logo
Rohm
BU520XX_BD7411G_REVF ROHM-BU520XX_BD7411G_REVF Datasheet
619Kb / 32P
Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
logo
American Electronic Com...
TMR1303 AEC-TMR1303 Datasheet
406Kb / 6P
TMR Omnipolar Switch
TMR1341 AEC-TMR1341 Datasheet
320Kb / 5P
TMR Omnipolar Switch
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
logo
Asahi Kasei Microsystem...
AK8789 AKM-AK8789 Datasheet
300Kb / 5P
High sensitive omnipolar operation
logo
ABLIC Inc.
S-5701-B ABLIC-S-5701-B Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
logo
MultiDimension Technolo...
TMR1303B MULTIDIMENSION-TMR1303B Datasheet
646Kb / 5P
TMR Omnipolar Switch
V1.1
TMR1309 MULTIDIMENSION-TMR1309 Datasheet
592Kb / 5P
TMR Omnipolar Switch
V1.2
TMR1302B MULTIDIMENSION-TMR1302B Datasheet
514Kb / 5P
TMR Omnipolar Switch
V1.0a
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com