Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT15530 Datasheet (PDF) - Aeroflex Circuit Technology

ACT15530 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT15530
Download  ACT15530 Download
File Size   131.28 Kbytes
Page   15 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CMOS Manchester Encoder / Decoder

ACT15530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT15530 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT15530
Download  ACT15530 Click to download

File Size   131.28 Kbytes
Page   15 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CMOS Manchester Encoder / Decoder

ACT15530 Datasheet (HTML) - Aeroflex Circuit Technology


ACT15530 Product details

General Description
The ACT15530 is a high performance CMOS integrated circuit used to implement MIL-STD-1553 and similar Manchester II encoded, time division multiplexed, serial data protocols. The device is divided into two independent sections, encoder and decoder, with a common master reset. The function of the encoder section is to produce the sync pulse and parity bit, and encode the data bits. The decoder section recognizes the sync pulse, decodes the data bits and checks for parity.

Features
• MIL-STD-1553 Compatible
• 1.25 Megabit/sec Maximum Data Rate
• Sync Identification and Lock-in
• Clock Recovery
• Manchester II Encode / Decode
• Separate Encoder and Decoder Sections
• Low Operating Power
• Military Temperature Range -55°C to +125°C
• Monolithic – Single Chip – Construction
• Available in Commercial and Industrial Temperature Ranges
• Several Package and Quality Options (Consult Factory for Details)
• Direct Replacement for the Obsolete Harris HD15530-9/-2/8 and GEC Plessey Marconi MA15530 / MAS15530 parts




Similar Part No. - ACT15530

ManufacturerPart #DatasheetDescription
logo
Concordia Technologies ...
ACT150X3.6 CONCORDIATECHNOLOGIES-ACT150X3.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT1525AT ACT-ACT1525AT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525AV ACT-ACT1525AV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525CV ACT-ACT1525CV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
More results


Similar Description - ACT15530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD-15531 INTERSIL-HD-15531_02 Datasheet
266Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
CMOS Manchester Encoder-Decoder
October 1, 2015
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com