Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT15530 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT15530
Description  CMOS Manchester Encoder / Decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT15530 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD15330 REV B 7/28/99
Features
• MIL-STD-1553 Compatible
• 1.25 Megabit/sec Maximum Data Rate
• Sync Identification and Lock-in
• Clock Recovery
• Manchester II Encode / Decode
• Separate Encoder and Decoder Sections
• Low Operating Power
• Military Temperature Range -55°C to +125°C
• Monolithic – Single Chip – Construction
• Available in Commercial and Industrial Temperature Ranges
• Several Package and Quality Options (Consult Factory for Details)
• Direct Replacement for the Obsolete Harris HD15530-9/-2/8 and GEC Plessey Marconi
MA15530 / MAS15530 parts
1
General Description
The ACT15530 is a high performance CMOS integrated circuit used to implement MIL-STD-1553 and
similar Manchester II encoded, time division multiplexed, serial data protocols. The device is divided into
two independent sections, encoder and decoder, with a common master reset. The function of the encoder
section is to produce the sync pulse and parity bit, and encode the data bits. The decoder section recognizes
the sync pulse, decodes the data bits and checks for parity.
The ACT15530 is fully guaranteed to support the 1 MHz data rate of MIL-STD-1553 over the full
temperature and supply voltage ranges. The device interfaces with CMOS, TTL or N-Channel support
circuitry and operates from a standard 5 volt supply. The circuit can also be used in many party line digital
data communications applications where high reliability command and control signals are required. Using
Aeroflex transceivers products (4400 Series) the Bit Error Rates (BER) and Word Error Rates (WER) of
MIL-STD-1553
can
be
achieved
(Refer
to
MIL-STD-1553
Multiplex
Applications
Handbook
"MIL-HDBK-1553").
CMOS Manchester Encoder / Decoder
CIRCUIT TECHNOLOGY
www.aeroflex.com
VDD
Encoder Clock
Send Clock In
Send Data
Sync Select
Encoder Enable
Serial Data In
Bipolar One Out
Output Inhibit
Bipolar Zero Out
÷÷ 6 Out
Master Reset
Valid Word
Encoder Shift Clock
Take Data
Serial Data Out
Decoder Clock
Bipolar Zero In
Bipolar One In
Unipolar Data In
Decoder Shift Clock
Command/Data Sync
Decoder Reset
VSS
Figure 1: Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ACT15530
(24-Pin DIP/Flat Package – See Figure 18 for LCC Pkg)


Similar Part No. - ACT15530

ManufacturerPart #DatasheetDescription
logo
Concordia Technologies ...
ACT150X3.6 CONCORDIATECHNOLOGIES-ACT150X3.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT1525AT ACT-ACT1525AT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525AV ACT-ACT1525AV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525CV ACT-ACT1525CV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
More results

Similar Description - ACT15530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD-15531 INTERSIL-HD-15531_02 Datasheet
266Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
CMOS Manchester Encoder-Decoder
October 1, 2015
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com