Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT15530 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT15530
Description  CMOS Manchester Encoder / Decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT15530 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Aeroflex Circuit Technology
SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700
4
DC Characteristics and Ratings
Absolute Maximum Ratings
Parameter
Min
Max
Units
VDD
3
7
V
Input Voltage
Vss - 0.3
VDD + 0.3V
V
Operating Temperature
-55
+125
°C
Storage Temperature
-65
+150
°C
Figure 5: Absolute Maximum Ratings
DC Characteristics
Sym
Parameter
Min
Typ
Max
Units
Test
Conditions
VIH
Logic "1" Input Voltage
70%VDD
-
-
V
VIL
Logic "0" Input Voltage
-
-
30%VDD
V
VIHC
Logic "1" Input Voltage (Clock)
VDD - 0.5V
-
-
V
VILC
Logic "0" Input Voltage (Clock)
-
-
VSS + 0.5V
V
IIL
Input Leakage Current
-1.0
+1.0
µA
0V < VIN < VDD
VOH
Logic "1" Output Voltage
2.4
-
-
V
IOH = -3 mA
VOL
Logic "0" Output Voltage
-
-
0.4
V
IOL = 1.8 mA
IDDSB
Standby Supply Current
-
0.5
2.0
mA
Output Open
VIN = VDD =
5.5V
IDDOP
Operating Supply Current
-
8.0
10.0
mA
VDD = 5.5V,
f = 1MHz
CIN
Input Capacitance
-
5.0
7.0
pF
COUT
Output Capacitance
-
8.0
10.0
pF
VDD = 5V ±10%, over full operating temperature range.
Figure 6: DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com